| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8S003F3T6CTR bảng dữ liệu(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S003F3T6CTR bảng dữ liệu(HTML) 4 Page - STMicroelectronics |
|
4 / 100 page ![]() List of tables Table 1. STM8S003xx value line features ................................................................................................8 Table 2. Peripheral clock gating bit assignments in CLK_PCKENR1/2 registers ..................................13 Table 3. TIM timer features ....................................................................................................................15 Table 4. Legend/abbreviations for pinout tables ...................................................................................18 Table 5. LQFP32 pin description ............................................................................................................19 Table 6. STM8S003F3 pin description ...................................................................................................22 Table 7. I/O port hardware register map ................................................................................................26 Table 8. General hardware register map ...............................................................................................27 Table 9. CPU/SWIM/debug module/interrupt controller registers .........................................................36 Table 10. Interrupt mapping ...................................................................................................................39 Table 11. Option bytes ...........................................................................................................................99 Table 12. Option byte description ...........................................................................................................41 Table 13. STM8S003K3 alternate function remapping bits for 32-pin devices ......................................43 Table 14. STM8S003F3 alternate function remapping bits for 20-pin devices ......................................44 Table 15. Voltage characteristics ...........................................................................................................47 Table 16. Current characteristics ...........................................................................................................47 Table 17. Thermal characteristics ..........................................................................................................48 Table 18. General operating conditions .................................................................................................49 Table 19. Operating conditions at power-up/power-down ......................................................................50 Table 20. Total current consumption with code execution in run mode at VDD = 5 V .............................51 Table 21. Total current consumption with code execution in run mode at VDD = 3.3 V ..........................52 Table 22. Total current consumption in wait mode at VDD = 5 V ............................................................53 Table 23. Total current consumption in wait mode at VDD = 3.3 V .........................................................53 Table 24. Total current consumption in active halt mode at VDD = 5 V ..................................................54 Table 25. Total current consumption in active halt mode at VDD = 3.3 V ...............................................54 Table 26. Total current consumption in halt mode at VDD = 5 V .............................................................55 Table 27. Total current consumption in halt mode at VDD = 3.3 V ..........................................................55 Table 28. Wakeup times .........................................................................................................................56 Table 29. Total current consumption and timing in forced reset state ....................................................57 Table 30. Peripheral current consumption .............................................................................................57 Table 31. HSE user external clock characteristics .................................................................................60 Table 32. HSE oscillator characteristics .................................................................................................61 Table 33. HSI oscillator characteristics ..................................................................................................62 Table 34. LSI oscillator characteristics ...................................................................................................64 Table 35. RAM and hardware registers ..................................................................................................64 Table 36. Flash program memory and data EEPROM ...........................................................................65 Table 37. I/O static characteristics .........................................................................................................66 Table 38. Output driving current (standard ports) ..................................................................................68 Table 39. Output driving current (true open drain ports) ........................................................................68 Table 40. Output driving current (high sink ports) ..................................................................................69 Table 41. NRST pin characteristics ........................................................................................................74 Table 42. SPI characteristics ..................................................................................................................78 Table 43. I 2C characteristics ..................................................................................................................80 Table 44. ADC characteristics ................................................................................................................82 Table 45. ADC accuracy with RAIN < 10 kΩ , VDD= 5 V .........................................................................82 Table 46. ADC accuracy with RAIN < 10 kΩ RAIN, VDD = 3.3 V ..............................................................83 Table 47. EMS data ................................................................................................................................86 DocID018576 Rev 3 4/100 STM8S003K3 STM8S003F3 List of tables |