| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7FLITE20F2M6 bảng dữ liệu(PDF) 117 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7FLITE20F2M6 bảng dữ liệu(HTML) 117 Page - STMicroelectronics |
|
117 / 166 page ![]() ST7LITE20F2 ST7LITE25F2 ST7LITE29F2 Instruction set Doc ID 8349 Rev 5 117/166 MUL Multiply X,A = X * A A, X, Y X, Y, A 0 −− − 0 NEG Negate (2's compl) neg $10 reg, M −− − NZC NOP No Operation − − − −−− −− OR OR operation A = A + M A M −− NZ − POP Pop from the Stack pop reg pop CC reg CC M M −−− −− HI N Z C PUSH Push onto the Stack push Y M reg, CC −−− −− RCF Reset carry flag C = 0 − − −−− − 0 RET Subroutine return − − − −−− −− RIM Enable Interrupts I = 0 −− − 0 −− − RLC Rotate Left true C C <= Dst <= C reg, M −− − NZC RRC Rotate Right true C C => Dst => C reg, M −− − NZC RSP Reset Stack Pointer S = Max allowed − − −−− −− SBC Subtract with Carry A = A - M - C A M −− NZC SCF Set carry flag C = 1 − − −−− − 1 SIM Disable Interrupts I = 1 −− − 1 −− − SLA Shift Left Arithmetic C <= Dst <= 0reg, M −− − NZC SLL Shift Left Logic C <= Dst <= 0reg, M −− − NZC SRL Shift Right Logic 0 => Dst => C reg, M −− − 0Z C SRA Shift Right Arithmetic Dst7 => Dst => Creg, M −− − NZC SUB Subtraction A = A - M A M −− NZC SWAP SWAP nibbles Dst[7..4] <=> Dst[3..0] reg, M −− − NZ − TNZ Test for Neg and Zero tnz lbl1 −− − − NZ − TRAP S/W TRAP S/W interrupt −− − 1 −− − WFI WAIT for Interrupt −− − − 0 −− − XOR Exclusive OR A = A XOR M A M −− NZ − Table 56. Instruction set overview (continued) Mnemo Description Function/example Dst Src H I N Z C |