công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST7FLITE20F2M6 bảng dữ liệu(PDF) 60 Page - STMicroelectronics

tên linh kiện ST7FLITE20F2M6
Giải thích chi tiết về linh kiện  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE20F2M6 bảng dữ liệu(HTML) 60 Page - STMicroelectronics

Back Button ST7FLITE20F2M6 Datasheet HTML 56Page - STMicroelectronics ST7FLITE20F2M6 Datasheet HTML 57Page - STMicroelectronics ST7FLITE20F2M6 Datasheet HTML 58Page - STMicroelectronics ST7FLITE20F2M6 Datasheet HTML 59Page - STMicroelectronics ST7FLITE20F2M6 Datasheet HTML 60Page - STMicroelectronics ST7FLITE20F2M6 Datasheet HTML 61Page - STMicroelectronics ST7FLITE20F2M6 Datasheet HTML 62Page - STMicroelectronics ST7FLITE20F2M6 Datasheet HTML 63Page - STMicroelectronics ST7FLITE20F2M6 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 166 page
background image
Power saving modes
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
60/166
Doc ID 8349 Rev 5
Figure 29. AWUF halt timing diagram
Figure 30. AWUF mode flowchart
1.
WDGHALT is an option bit (see Section 15.1: Option bytes for more details).
2.
Peripheral clocked with an external clock source can still be active.
3.
Only an AWUF interrupt and some specific interrupts can exit the MCU from HALT mode (such as external
AWUF interrupt
fCPU
Run mode
HALT mode
256 or 4096 tCPU
Run mode
fAWU_RC
Clear
by software
tAWU
Reset
Interrupt (3)
Y
N
N
Y
CPU
Main osc
Peripherals (2)
I[1:0] bits
OFF
OFF
10
OFF
Fetch RESET vector
or service interrupt
CPU
Main osc
Peripherals
I[1:0] bits
ON
OFF
XX (4)
ON
CPU
Main osc
Peripherals
I[1:0] bits
ON
ON
XX (4)
ON
256 or 4096 CPU clock
delay (5)
Watchdog
ENABLE
DISABLE
WDGHALT (1)
0
Watchdog
reset
1
cycle
AWU RC osc
ON
AWU RC osc
OFF
AWU RC osc
OFF
HALT instruction
(Active-halt disabled)
(AWUCSR.AWUEN=1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More