| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7FLITE20F2B6 bảng dữ liệu(PDF) 66 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7FLITE20F2B6 bảng dữ liệu(HTML) 66 Page - STMicroelectronics |
|
66 / 166 page ![]() I/O ports ST7LITE20F2 ST7LITE25F2 ST7LITE29F2 66/166 Doc ID 8349 Rev 5 Note: Refer to the Section 10.7: Device-specific I/O port configuration for device specific information. Table 22. I/O port mode options(1) 1. Legend: NI - not implemented Off - implemented not activated On - implemented and activated. Configuration mode Pull-up P-buffer Diodes to VDD to VSS Input Floating with/without interrupt Off Off On On Pull-up with/without interrupt On Output Push-pull Off On Open drain (logic level) Off True open drain NI NI NI(2) 2. The diode to VDD is not implemented in the true open drain pads. A local protection between the pad and VOL is implemented to protect the device against positive stress. Table 23. I/O configurations I/O port Hardware configuration Input(1) NOTE 3 condition Pad VDD RPU External interrupt Polarity Databus Pull-up Interrupt DR register access W R From other pins source (eix) selection DR register condition Alternate input Analog input To on-chip peripheral Combinational logic |