công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STF21N65M5 bảng dữ liệu(PDF) 20 Page - STMicroelectronics

tên linh kiện STF21N65M5
Giải thích chi tiết về linh kiện  N-channel 650 V, 0.150 Ω, 17 A MDmesh™V Power MOSFET D²PAK, TO-220FP, TO-220, I²PAK, TO-247
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF21N65M5 bảng dữ liệu(HTML) 20 Page - STMicroelectronics

Back Button STF21N65M5 Datasheet HTML 14Page - STMicroelectronics STF21N65M5 Datasheet HTML 15Page - STMicroelectronics STF21N65M5 Datasheet HTML 16Page - STMicroelectronics STF21N65M5 Datasheet HTML 17Page - STMicroelectronics STF21N65M5 Datasheet HTML 18Page - STMicroelectronics STF21N65M5 Datasheet HTML 19Page - STMicroelectronics STF21N65M5 Datasheet HTML 20Page - STMicroelectronics STF21N65M5 Datasheet HTML 21Page - STMicroelectronics STF21N65M5 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Packaging mechanical data
STB/F/I/P/W21N65M5
20/22
Doc ID 15427 Rev 4
Figure 31.
Tape
Figure 32.
Reel
P1
A0
D1
P0
F
W
E
D
B0
K0
T
User direction of feed
P2
10 pitches cumulative
tolerance on tape +/- 0.2 mm
User direction of feed
R
Bending radius
Top cover
tape
AM08852v2
A
D
B
Full radius
G measured at hub
C
N
REEL DIMENSIONS
40mm min.
Access hole
At slot location
T
Tape slot
in core for
tape start 25 mm min.
width
AM08851v2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22