công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BA9741FS bảng dữ liệu(PDF) 16 Page - Rohm

tên linh kiện BA9741FS
Giải thích chi tiết về linh kiện  A 2-channel ICs, incorporating a switching regulator controller that uses a pulse width modulation.
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

BA9741FS bảng dữ liệu(HTML) 16 Page - Rohm

Back Button BA9741FS Datasheet HTML 9Page - Rohm BA9741FS Datasheet HTML 10Page - Rohm BA9741FS Datasheet HTML 11Page - Rohm BA9741FS Datasheet HTML 12Page - Rohm BA9741FS Datasheet HTML 13Page - Rohm BA9741FS Datasheet HTML 14Page - Rohm BA9741FS Datasheet HTML 15Page - Rohm BA9741FS Datasheet HTML 16Page - Rohm BA9741FS Datasheet HTML 17Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Technical Note
16/16
BA9743AFV, BA9744FV, BA9741F/FS
www.rohm.com
2011.04 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●
Ordering part number
B
A
9
7
4
3
A
F
V
-
E
2
Part No.
Part No.
9743A
9744
9741
Package
FV:SSOP-B16
FS:SSOP-A16
F:SOP16
Packaging and forming specification
E2: Embossed tape and reel
(Unit : mm)
SOP16
8
0.1
16
1.27
1
9
10
±0.2
0.15
±0.1
0.4
±0.1
(MAX 10.35 include BURR)
∗Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand
2500pcs
E2
()
Direction of feed
Reel
1pin
∗Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand
2500pcs
E2
()
Direction of feed
Reel
1pin
(Unit : mm)
SSOP-A16
13
8
7
0.8
9
15
45
3
11
2
12
16
14
6
1
10
6.6
±0.2
0.15
±0.1
0.36
±0.1
(MAX 6.95 include BURR)
0.1
(Unit : mm)
SSOP-B16
9
8
16
1
0.65
5.0
±0.2
0.22
±0.1
0.15
±0.1
0.1
∗Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand
2500pcs
E2
()
Direction of feed
Reel
1pin
2013.03 - Rev. C
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com