| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP3963 bảng dữ liệu(PDF) 18 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP3963 bảng dữ liệu(HTML) 18 Page - Texas Instruments |
|
18 / 25 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 11-Apr-2013 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Top-Side Markings (4) Samples LP3963ES-2.5 ACTIVE DDPAK/ TO-263 KTT 5 45 TBD Call TI Call TI -40 to 125 LP3963ES -2.5 LP3963ES-2.5/NOPB ACTIVE DDPAK/ TO-263 KTT 5 45 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LP3963ES -2.5 LP3963ES-3.3 ACTIVE DDPAK/ TO-263 KTT 5 45 TBD Call TI Call TI -40 to 125 LP3963ES -3.3 LP3963ES-3.3/NOPB ACTIVE DDPAK/ TO-263 KTT 5 45 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LP3963ES -3.3 LP3963ESX-2.5 ACTIVE DDPAK/ TO-263 KTT 5 500 TBD Call TI Call TI -40 to 125 LP3963ES -2.5 LP3963ESX-2.5/NOPB ACTIVE DDPAK/ TO-263 KTT 5 500 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LP3963ES -2.5 LP3963ESX-3.3 ACTIVE DDPAK/ TO-263 KTT 5 500 TBD Call TI Call TI -40 to 125 LP3963ES -3.3 LP3963ESX-3.3/NOPB ACTIVE DDPAK/ TO-263 KTT 5 500 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LP3963ES -3.3 LP3966ES-1.8 ACTIVE DDPAK/ TO-263 KTT 5 45 TBD Call TI Call TI -40 to 125 LP3966ES -1.8 LP3966ES-1.8/NOPB ACTIVE DDPAK/ TO-263 KTT 5 45 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LP3966ES -1.8 LP3966ES-2.5 ACTIVE DDPAK/ TO-263 KTT 5 45 TBD Call TI Call TI -40 to 125 LP3966ES -2.5 LP3966ES-2.5/NOPB ACTIVE DDPAK/ TO-263 KTT 5 45 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LP3966ES -2.5 LP3966ES-3.3 ACTIVE DDPAK/ TO-263 KTT 5 45 TBD Call TI Call TI -40 to 125 LP3966ES -3.3 LP3966ES-3.3/NOPB ACTIVE DDPAK/ TO-263 KTT 5 45 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LP3966ES -3.3 LP3966ES-ADJ ACTIVE DDPAK/ TO-263 KTT 5 45 TBD Call TI Call TI -40 to 125 LP3966ES -ADJ LP3966ES-ADJ/NOPB ACTIVE DDPAK/ TO-263 KTT 5 45 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LP3966ES -ADJ LP3966ESX-1.8 ACTIVE DDPAK/ TO-263 KTT 5 500 TBD Call TI Call TI -40 to 125 LP3966ES -1.8 |