công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

663MLF bảng dữ liệu(PDF) 4 Page - Integrated Device Technology

tên linh kiện 663MLF
Giải thích chi tiết về linh kiện  PLL BUILDING BLOCK Phase detector and VCO blocks can be used Lower power CMOS process
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

663MLF bảng dữ liệu(HTML) 4 Page - Integrated Device Technology

  663MLF Datasheet HTML 1Page - Integrated Device Technology 663MLF Datasheet HTML 2Page - Integrated Device Technology 663MLF Datasheet HTML 3Page - Integrated Device Technology 663MLF Datasheet HTML 4Page - Integrated Device Technology 663MLF Datasheet HTML 5Page - Integrated Device Technology 663MLF Datasheet HTML 6Page - Integrated Device Technology 663MLF Datasheet HTML 7Page - Integrated Device Technology 663MLF Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ICS663
PLL BUILDING BLOCK
PLL BUILDING BLOCK
IDT™ / ICS™ PLL BUILDING BLOCK
4
ICS663
REV E 012006
AC Electrical Characteristics
VDD = 3.3 V ±5%, Ambient Temperature -40 to +85
° C, unless stated otherwise
VDD = 5.0 V ±10%, Ambient Temperature -40 to +85
° C, unless stated otherwise
Note 1: Minimum input frequency is limited by loop filter design. 1 kHz is a practical minimum limit.
Thermal Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Output Clock Frequency
(from pin CLK)
fCLK
SEL = 1
1
100
MHz
SEL = 0
0.25
25
MHz
Input Clock Frequency
(into pins REFIN or FBIN)
fREF
Note 1
8
MHz
Output Rise Time
tOR
0.8 to 2.0V
1.2
2
ns
Output Fall Time
tOF
2.0 to 0.8V
0.75
1.5
ns
Output Clock Duty Cycle
tDC
At VDD/2
40
50
60
%
Jitter, Absolute peak-to-peak
tJ
250
ps
VCO Gain
KO
200
MHz/V
Charge Pump Current
Icp
2.5
µA
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Output Clock Frequency
(from pin CLK)
fCLK
SEL = 1
1
120
MHz
SEL = 0
0.25
30
MHz
Input Clock Frequency
(into pins REFIN or FBIN)
fREF
Note 1
8
MHz
Output Rise Time
tOR
0.8 to 2.0 V
0.5
1
ns
Output Fall Time
tOF
2.0 to 0.8 V
0.5
1
ns
Output Clock Duty Cycle
tDC
At VDD/2
45
50
55
%
Jitter, Absolute peak-to-peak
tJ
150
ps
VCO Gain
KO
200
MHz/V
Charge Pump Current
Icp
2.5
µA
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θJA
Still air
150
° C/W
θJA
1 m/s air flow
140
° C/W
θJA
3 m/s air flow
120
° C/W
Thermal Resistance Junction to Case
θJC
40
° C/W



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com