| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8PS-16B bảng dữ liệu(PDF) 13 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
H8PS-16B bảng dữ liệu(HTML) 13 Page - Omron Electronics LLC |
|
13 / 32 page ![]() H8PS 13 Encoder Connecting Direction ■ Accessories (Order Separately) Parallel Input Adapters Y92C-30 This Adapter enables two H8PS Cam Positioners to share signals from an Encoder. Note: H8PS has been improved in 2004 April. Do not mix old and new model with Y92C-30. When you use 2 x H8PS, please use by "Old & Old" or "New & New" models. Use the cable marked with a triangle when connecting only one H8PS Cam Positioner to the Parallel Input Adapter. • Panel Surface Mounting • Panel Back Mounting Encoder Output cable Encoder Encoder Output cable Encoder H8PS-8B @ H8PS-8BF @ H8PS-16B @ H8PS-32B @ H8PS-16BF @ H8PS-32BF @ Connected to the H8PS. Connected to the H8PS. Y92C-30 From the Dedicated Absolute Encoder R6.5 14 dia. 36 40.4 6.5 24 60 89 47 1,030 15 37 8.5 dia. 17 dia. 26 11.3 9 74 ±1 Two, M4 tap holes Front M4 screw (included) 36 74 ±1 Two, 4.3 dia. holes Back M4 screw (included) M4 nut (included) 36 |