| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM431 bảng dữ liệu(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM431 bảng dữ liệu(HTML) 13 Page - Texas Instruments |
|
13 / 23 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 18-May-2013 Addendum-Page 2 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LM431AIMX/NOPB ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 LM431 AIM LM431AIZ/LFT1 ACTIVE TO-92 LP 3 2000 Green (RoHS & no Sb/Br) SNCU Level-1-NA-UNLIM LM431 AIZ LM431AIZ/NOPB ACTIVE TO-92 LP 3 1800 Green (RoHS & no Sb/Br) SNCU Level-1-NA-UNLIM -40 to 85 LM431 AIZ LM431BCM ACTIVE SOIC D 8 95 TBD Call TI Call TI -40 to 85 431 BCM LM431BCM/NOPB ACTIVE SOIC D 8 95 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 431 BCM LM431BCM3 ACTIVE SOT-23 DBZ 3 1000 TBD Call TI Call TI -40 to 85 N1D LM431BCM3/NOPB ACTIVE SOT-23 DBZ 3 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 N1D LM431BCM3X/NOPB ACTIVE SOT-23 DBZ 3 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 N1D LM431BCMX ACTIVE SOIC D 8 2500 TBD Call TI Call TI -40 to 85 431 BCM LM431BCMX/NOPB ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 431 BCM LM431BCZ/NOPB ACTIVE TO-92 LP 3 1800 Green (RoHS & no Sb/Br) SNCU Level-1-NA-UNLIM -40 to 85 LM431 BCZ LM431BIM ACTIVE SOIC D 8 95 TBD Call TI Call TI -40 to 85 431 BIM LM431BIM/NOPB ACTIVE SOIC D 8 95 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 431 BIM LM431BIM3 ACTIVE SOT-23 DBZ 3 1000 TBD Call TI Call TI -40 to 85 N1C LM431BIM3/NOPB ACTIVE SOT-23 DBZ 3 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 N1C LM431BIM3X ACTIVE SOT-23 DBZ 3 3000 TBD Call TI Call TI -40 to 85 N1C LM431BIM3X/NOPB ACTIVE SOT-23 DBZ 3 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 N1C LM431BIMX/NOPB ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 431 BIM |