| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ZPSD301B-70J bảng dữ liệu(PDF) 72 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ZPSD301B-70J bảng dữ liệu(HTML) 72 Page - STMicroelectronics |
|
72 / 85 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) PSD3XX Family 69 Family: Ceramic Leaded Chip Carrier – CERQUAD Millimeters Inches Symbol Min Max Notes Min Max Notes A 3.94 4.57 0.155 0.180 A1 2.29 2.92 0.090 0.115 A2 3.05 3.68 0.120 0.145 B 0.43 0.53 0.017 0.021 B1 0.66 0.81 0.026 0.032 C 0.15 0.25 0.006 0.010 D 17.40 17.65 0.685 0.695 D1 16.31 16.66 0.642 0.656 D2 14.73 16.26 0.580 0.640 D3 12.70 Reference 0.500 Reference E 17.40 17.65 0.685 0.695 E1 16.31 16.66 0.642 0.656 E2 14.73 16.26 0.580 0.640 E3 12.70 Reference 0.500 Reference e1 1.27 Reference 0.050 Reference N44 44 030195R8 Drawing L4 – 44-Pin Pocketed Ceramic Leaded Chip Carrier (CLDCC) – CERQUAD (Package Type L) D3 B1 B A1 A E1 E 44 D2 A2 C 1 2 3 E2 D1 D E3 e1 View A Commercial and Industrial packages include the lead pocket on the underside of the package but Military packages do not. View A Obsolete Product(s) - Obsolete Product(s) |