công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP451 bảng dữ liệu(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMP451
Giải thích chi tiết về linh kiện  짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMP451 bảng dữ liệu(HTML) 15 Page - Texas Instruments

Back Button TMP451 Datasheet HTML 11Page - Texas Instruments TMP451 Datasheet HTML 12Page - Texas Instruments TMP451 Datasheet HTML 13Page - Texas Instruments TMP451 Datasheet HTML 14Page - Texas Instruments TMP451 Datasheet HTML 15Page - Texas Instruments TMP451 Datasheet HTML 16Page - Texas Instruments TMP451 Datasheet HTML 17Page - Texas Instruments TMP451 Datasheet HTML 18Page - Texas Instruments TMP451 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
ADJUST
eff
1.008
2088
N
2088
§
·
u
¨
¸
©
¹
eff
ADJUST
1.008
2088
2088
N
§
·
u
¨
¸
©
¹
=
V
V
BE2
BE1
-
hkT
q
ln
I
2
I
1
TMP451
www.ti.com
SBOS686 – JUNE 2013
η-Factor Correction Register
The TMP451 allows for a different
η-factor value to be used for converting remote channel measurements to
temperature. The remote channel uses sequential current excitation to extract a differential VBE voltage
measurement to determine the temperature of the remote transistor. Equation 1 describes this voltage and
temperature.
(1)
The value
η in Equation 1 is a characteristic of the particular transistor used for the remote channel. The power-
on reset value for the TMP451 is
η = 1.008. The value in the η-factor correction register may be used to adjust
the effective
η-factor according to Equation 2 and Equation 3.
(2)
(3)
The
η-factor correction value must be stored in twos complement format, yielding an effective data range from
–128 to +127. The
η-factor correction value is written to and read from pointer address 23h. The register power-
on reset value is 00h, thus having no effect unless a different value is written to it.
Table 7.
η-Factor Range
NADJUST
BINARY
HEX
DECIMAL
η
0111 1111
7F
127
0.950198
0000 1010
0A
10
1.003195
0000 1000
08
8
1.004152
0000 0110
06
6
1.005111
0000 0100
04
4
1.006072
0000 0010
02
2
1.007035
0000 0001
01
1
1.007517
0000 0000
00
0
1.008
1111 1111
FF
–1
1.008483
1111 1110
FE
–2
1.008967
1111 1100
FC
–4
1.009935
1111 1010
FA
–6
1.010905
1111 1000
F8
–8
1.011877
1111 0110
F6
–10
1.012851
1000 0000
80
–128
1.073837
Offset Register
The offset register allows the TMP451 to store any system offset compensation value that might be observed
from precision calibration. The value in the register is stored in the same format as the temperature result, and is
added to the remote temperature result upon every conversion. Combined with the
η-factor correction, this
function allows for very accurate system calibration over the entire temperature range.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: TMP451



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com