công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM5056APMHE/NOPB bảng dữ liệu(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM5056APMHE/NOPB
Giải thích chi tiết về linh kiện  High-Voltage System Power Management Device with PMBus?
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM5056APMHE/NOPB bảng dữ liệu(HTML) 33 Page - Texas Instruments

Back Button LM5056APMHE/NOPB Datasheet HTML 29Page - Texas Instruments LM5056APMHE/NOPB Datasheet HTML 30Page - Texas Instruments LM5056APMHE/NOPB Datasheet HTML 31Page - Texas Instruments LM5056APMHE/NOPB Datasheet HTML 32Page - Texas Instruments LM5056APMHE/NOPB Datasheet HTML 33Page - Texas Instruments LM5056APMHE/NOPB Datasheet HTML 34Page - Texas Instruments LM5056APMHE/NOPB Datasheet HTML 35Page - Texas Instruments LM5056APMHE/NOPB Datasheet HTML 36Page - Texas Instruments LM5056APMHE/NOPB Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
LM5056, LM5056A
www.ti.com
SNVS827A – OCTOBER 2012 – REVISED APRIL 2013
MFR_SPECIFIC_17: MFR_READ_DIAGNOSTIC_WORD (E1h)
The MFR_READ_DIAGNOSTIC_WORD PMBus command reports all of the LM5056/LM5056A faults and
warnings in a single read operation. The standard response to the assertion of the SMBA signal of issuing
multiple read requests to various status registers can be replaced by a single word read to the
MFR_DIAGNOSTIC_WORD register. The MFR_READ_DIAGNOSTIC_WORD command should be read with the
PMBus
Read
Word
protocol.
The
MFR_READ_DIAGNOSTIC_WORD
is
also
returned
in
the
MFR_BLOCK_READ, MFR_BLACK_BOX_READ, and MFR_AVG_BLOCK_READ operations.
Table 36. MFR_DIAGNOSTIC_WORD Format
BIT
MEANING
DEFAULT
15
VOUT under-voltage warn
0
14
Over-current warn or over-power warn
0
13
VIN under-votlage warn
0
12
VIN over-voltage warn
0
11
Not supported, always 1
1
10
Over-temperature warn
0
9
Not supported, always 0
0
8
Not supported, always 0
0
7
CONFIG_PRESET
1
6
Not supported, always 0
0
5
Not supported, always 0
0
4
Not supported, always 0
0
3
Not supported, always 0
0
2
Not supported, always 0
0
1
CML_FAULT
0
0
Not supported, always 0
0
MFR_SPECIFIC_18: MFR_AVG_BLOCK_READ (E2h)
The MFR_AVG_BLOCK_READ command concatenates the MFR_DIAGNOSTIC_WORD with input and output
average telemetry information (IIN, VOUT, VIN, PIN) as well as temperature to capture all of the operating
information of the part in a single PMBus transaction. The block is 12 bytes long with telemetry information being
sent out in the same manner as if an individual READ_AVG_XXX command had been issued (shown below).
MFR_AVG_BLOCK_READ also ensures that the VIN, VOUT, and IIN measurements are all time-aligned
whereas there is a chance they may not be if read with individual PMBus commands. To read data from the
MFR_AVG_BLOCK_READ command, use the SMBus Block Read protocol.
Table 37. MFR_AVG_BLOCK_READ Register Format
BYTE COUNT (ALWAYS 12)
(1 BYTE)
MFR_DIAGNOSTIC_WORD
(1 word)
AVG_IIN
(1 word)
AVG_VOUT
(1 word)
AVG_VIN
(1 word)
AVG_PIN
(1 word)
TEMPERATURE
(1 word)
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: LM5056 LM5056A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com