công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DS8921AM/NOPB bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DS8921AM/NOPB
Giải thích chi tiết về linh kiện  DS8921/DS8921A/DS8921AT Differential Line Driver and Receiver Pair
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DS8921AM/NOPB bảng dữ liệu(HTML) 4 Page - Texas Instruments

  DS8921AM/NOPB Datasheet HTML 1Page - Texas Instruments DS8921AM/NOPB Datasheet HTML 2Page - Texas Instruments DS8921AM/NOPB Datasheet HTML 3Page - Texas Instruments DS8921AM/NOPB Datasheet HTML 4Page - Texas Instruments DS8921AM/NOPB Datasheet HTML 5Page - Texas Instruments DS8921AM/NOPB Datasheet HTML 6Page - Texas Instruments DS8921AM/NOPB Datasheet HTML 7Page - Texas Instruments DS8921AM/NOPB Datasheet HTML 8Page - Texas Instruments DS8921AM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
results assume a linear transition between measurement points and are a result of the following equations:
Where:
DS8921, DS8921A, DS8921AT
SNLS374C – MAY 1998 – REVISED APRIL 2013
www.ti.com
Driver Switching Characteristics (continued)
SINGLE ENDED CHARACTERISTICS
Symbol
Conditions
Min
Typ
Max
Units
8921
8921A
8921AT
(Figure 3 and Figure 4)
TTLH
CL = 30 pF
5
8
8
9.5
ns
(Figure 7 and Figure 8)
TTHL
CL = 30 pF
5
8
8
9.5
ns
(Figure 7 and Figure 8)
Skew
CL = 30 pF(1)
1
5
3.5
3.5
ns
(Figure 3 and Figure 4)
(1)
Difference between complementary outputs at the 50% point.
Driver Switching Characteristics
(1)
DIFFERENTIAL CHARACTERISTICS
Symbol
Conditions
Min
Typ
Max
Units
8921
8921A
8921AT
TpLH
CL = 30 pF
10
15
15
15
ns
(Figure 3, Figure 5, and
Figure 6)
TpHL
CL = 30 pF
10
15
15
15
ns
(Figure 3, Figure 5, and
Figure 6)
|TpLH–T pHL|
CL = 30 pF
0.5
6
2.75
2.75
ns
(Figure 3, Figure 5, and
Figure 6)
(1)
Differential Delays are defined as calculated results from single ended rise and fall time measurements. This approach in establishing
AC performance specifications has been taken due to limitations of available Automatic Test Equipment (ATE). The calculated ATE
Tcr = Crossing Point Tra, Trb, Tfa and T fb are time measurements with respect to the input. See Figure 6.
AC Test Circuits and Switching Diagrams
Figure 1.
4
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: DS8921 DS8921A DS8921AT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com