| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
A1010B-PLG68C bảng dữ liệu(PDF) 97 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
A1010B-PLG68C bảng dữ liệu(HTML) 97 Page - Actel Corporation |
|
97 / 98 page ![]() 97 Hi R e l F P GA s CQFP (Ce ram i c Q uad Fl a t Pa ck) CQFP 84 CQFP 132 CQFP 172 CQFP 196 Symbol Min. Nom. Max. Min. Nom. Max. Min. Nom. Max. Min. Nom. Max. A 0.070 0.090 0.100 0.094 0.105 0.116 0.094 0.105 0.116 0.094 0.105 0.116 A1 0.060 0.075 0.080 0.080 0.090 0.100 0.080 0.090 0.100 0.080 0.090 0.100 b 0.008 0.010 0.012 0.007 0.008 0.010 0.007 0.008 0.010 0.007 0.008 0.010 c 0.004 0.006 0.008 0.004 0.006 0.008 0.004 0.006 0.008 0.004 0.006 0.008 D1/E1 0.640 0.650 0.660 0.940 0.950 0.960 1.168 1.180 1.192 1.336 1.350 1.364 D2/E2 0.500 BSC 0.800 BSC 1.050 BSC 1.200 BSC e 0.025 BSC 0.025 BSC 0.025 BSC 0.025 BSC F 0.130 0.140 0.150 0.325 0.350 0.375 0.175 0.200 0.225 0.175 0.200 0.225 H 1.460 BSC 2.320 BSC 2.320 BSC 2.320 BSC K — 2.140 BSC 2.140 BSC 2.140 BSC L1 1.595 1.600 1.615 2.485 2.500 2.505 2.485 2.495 2.505 2.485 2.495 2.505 Note: 1. All dimensions are in inches except CQ208 and CQ256, which are in millimeters. 2. BSC equals Basic Spacing between Centers. This is a theoretical true position dimension and so has no tolerance. CQFP (Ce ram i c Q uad Fl a t Pa ck) CQFP 208 CQFP 256 Symbol Min. Nom. Max. Min. Nom. Max. A 2.78 3.17 3.56 2.28 2.67 3.06 A1 2.43 2.79 3.15 1.93 2.29 2.65 b 0.18 0.20 0.22 0.18 0.20 0.22 c 0.11 0.15 0.17 0.11 0.15 0.18 D1/E1 28.96 29.21 29.46 35.64 36.00 36.36 D2/E2 25.5 BSC 31.5 BSC e 0.50 BSC 0.50 BSC F 7.05 7.75 8.45 7.05 7.75 8.45 H 70.00 BSC 70.00 BSC K 65.90 BSC 65.90 BSC L1 74.60 75.00 75.40 74.60 75.00 75.40 Note: 1. All dimensions are in inches except CQ208 and CQ256, which are in millimeters. 2. BSC equals Basic Spacing between Centers. This is a theoretical true position dimension and so has no tolerance. |