| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TSP080AL bảng dữ liệu(PDF) 1 Page - First Components International |
|
|
|||||||||||||||||||||||||||||
TSP080AL bảng dữ liệu(HTML) 1 Page - First Components International |
|
1 / 4 page ![]() DESCRIPTION MECHANICAL DIMENSION DO-214AA (SMB) Data LOW CAPACITANCE THYRISTOR SERIES CAPACITANCE THYRISTOR SERIES 0.155 (3.94) 0.130 (3.30) 0.086 (2.20) 0.077 (1.95) 0.180 (4.57) 0.160 (4.06) 0.096 (2.44) 0.084 (2.13) 0.220 (5.59) 0.205 (5.21) 0.060 (1.52) 0.030 (0.76) Dimensions in inches and(millimeters) 0.012 (0.305) 0.006 (0.152) 0.008 (0.203) MAX. ◎ UL94V-0 Flammability Classification ◎ ESD Protection >40 kilovolts ◎ Low Capacitance for T1/E1 Trunk and Line Card Application ◎ High Surge Current Capability ◎ Peak Off-State Voltage from 58 to 160 volts ◎ Meet IEC61000-4-4 & -5 Industry Requirement ,UL1459,Bellcore 1089,ITU-TK. 20 & K. 21 ◎ Provides Protection in Accordance with FCC Part 68 7.6 / 5.8 25.4MIN 0.9 / 0.7 DIA. 3.6 / 2.6 DIA. DO-15 FEATURES □ UL94V-0 Flammability Classification □ ESD Protection >40k Voltage □ ,High Surge Current Capability □ Peak Off-State voltage from 58~300V □ Meet IEC100-4-4 & -5 Industry requirement □ Low Capacitance for T1/E1 Trunk and Line Card Application □ Provides Protection in Accordance with FCC part 68, UL1459, Bellcore 1089, ITU-TK. 20& K.21 |
Số phần tương tự - TSP080AL |
|
Mô tả tương tự - TSP080AL |