| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BA4558RF bảng dữ liệu(PDF) 32 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BA4558RF bảng dữ liệu(HTML) 32 Page - Rohm |
|
32 / 49 page ![]() Technical Note 32/48 BA4558F,BA4558R F/FV/FVM,BA4560F,BA4560RF/FV/FVM,BA4564RFVBA4580RF/FVM,BA4584FV, BA4584RF/FV,BA8522RF/FV/FVM,BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM www.rohm.com 2011.08 - Rev.B © 2011 ROHM Co., Ltd. All rights reserved. ● Reference Data BA15218 family (*)The above data is ability value of sample, it is not guaranteed. 0 10 20 30 40 50 60 1.E+00 1.E+02 1.E+04 1.E+06 1.E+08 FREQUENCY [Hz] -180 -150 -120 -90 -60 -30 0 GAIN PHASE BA15218 family -30 -20 -10 0 10 20 30 ±0 ±2 ±4 ±6 ±8 ±10 ±12 ±14 ±16 SUPPLY VOLTAGE [V] 0 20 40 60 80 1 100 10000 FREQUENCY [Hz] 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [℃] 0 1 2 3 4 ±0 ±2 ±4 ±6 ±8 ±10 ±12 ±14 ±16 SUPPLY VOLTAGE [V] 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [°C] -30 -20 -10 0 10 20 30 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [°C] Input Offset Current - Ambient Temperature (Vicm=0[V], Vout=0[V]) 85℃ -40℃ 25℃ Input Offset Current - Supply Voltage (Vicm=0[V], Vout=0[V]) ±2V ±15V ±7.5V 0 5 10 15 20 25 30 1 10 100 1000 FREQUENCY [Hz] Equivalent Input Noise Voltage - Frequency (VCC/VEE=+15[V]/-15[V], Rs=100[Ω], Ta=25[℃]) Total Harmonic Distortion - Output Voltage (VCC/VEE=+15[V]/-15[V],Av=20[dB], RL=2[kΩ], 80[kHz]-LPF, Ta=25[℃]) Maximum Output Voltage Swing - Frequency (VCC/VEE=+15[V]/-15[V], RL=2[kΩ], Ta=25[℃]) -5 -4 -3 -2 -1 0 1 2 3 4 5 02 468 COMMON MODE INPUT VOLTAGE [V] Input Offset Voltage - Common Mode Input Voltage (VCC=8[V], Vout=4[V]) 85℃ 25℃ -40℃ Voltage Gain - Frequency (VCC/VEE=+15[V]/-15[V], Av=40[dB], RL=2[kΩ], Ta=25[℃]) 0.0001 0.001 0.01 0.1 1 0.1 1 10 OUTPUT VOLTAGE [Vrms] 20kHz 20Hz 1kHz BA15218 family BA15218 family BA15218 family BA15218 family BA15218 family BA15218 family BA15218 family BA15218 family BA15218 family Fig. 211 Fig. 212 Fig. 213 Fig. 214 Fig. 215 Fig. 216 Fig. 217 Fig. 218 Fig. 219 Fig. 220 Slew Rate - Supply Voltage (CL=100[pF], RL=2[kΩ], Ta=25[℃]) Common Mode Rejection Ratio - Ambient Temperature (VCC/VEE=+15[V]/-15[V], Vicm=-12[V] to +12[V]) Power Supply Rejection Ratio - Ambient Temperature (VCC/VEE=+2[V]/-2[V] to +15[V]/-15[V]) |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |