công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

82575EB bảng dữ liệu(PDF) 45 Page - Intel Corporation

tên linh kiện 82575EB
Giải thích chi tiết về linh kiện  Intel짰 82575EB Gigabit Ethernet Controller Datasheet
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

82575EB bảng dữ liệu(HTML) 45 Page - Intel Corporation

Back Button 82575EB Datasheet HTML 41Page - Intel Corporation 82575EB Datasheet HTML 42Page - Intel Corporation 82575EB Datasheet HTML 43Page - Intel Corporation 82575EB Datasheet HTML 44Page - Intel Corporation 82575EB Datasheet HTML 45Page - Intel Corporation 82575EB Datasheet HTML 46Page - Intel Corporation 82575EB Datasheet HTML 47Page - Intel Corporation 82575EB Datasheet HTML 48Page - Intel Corporation 82575EB Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 62 page
background image
Resets — Intel® 82575EB Gigabit Ethernet Controller
317679-004
Intel® 82575EB Gigabit Ethernet Controller
Revision: 2.11
Datasheet
January 2011
45
6.2
Resets
Power-on Reset (internal): The 82575EB has an internal mechanism for sensing the power pins.
Once the power is up and stable, it creates an internal reset, this reset acts as a master reset of the
entire chip. It is level sensitive, and while it is 0, will hold all of the registers in reset. Power-on Reset
is interpreted to be an indication that device power supplies are all stable. Power-on Reset changes
state during system power-up.
In-band PCIe Reset: The 82575EB will generate an internal reset in response to a physical layer
message from the PCIe or when the PCIe link halts (entry to Polling or Detect state). This reset is
equivalent to PCI reset in previous (PCI) gigabit LAN controllers.
Main_Power_Good: Used by the device to detect the D3Cold condition and activate part of the power
saving scheme.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62