công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ROCHESTER3 bảng dữ liệu(PDF) 4 Page - Rochester Electronics

tên linh kiện ROCHESTER3
Giải thích chi tiết về linh kiện  A Rochester Electronics White Paper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROCHESTER [Rochester Electronics]
Trang chủ  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

ROCHESTER3 bảng dữ liệu(HTML) 4 Page - Rochester Electronics

  ROCHESTER3 Datasheet HTML 1Page - Rochester Electronics ROCHESTER3 Datasheet HTML 2Page - Rochester Electronics ROCHESTER3 Datasheet HTML 3Page - Rochester Electronics ROCHESTER3 Datasheet HTML 4Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
 
 
 
 
© 2011 Rochester Electronics, LLC
Page 4
July 2011
All Rights Reserved
 
Sandia Laboratories has released a study that indicates that semiconductors based on smaller cell size are likely
to wear out much sooner than the originals.
Even though the replacement chips (die) themselves are smaller, the same size package must be used to retain
the application fit of the original component. This requires longer bond wires or package leads to the die. In some
cases, the die using latest technologies simply gets too small to fit in the same package without creating
unreliable packaging and/or a complete package retooling with more aggressive bond finger spacing.
 
Why are Rochester Electronics’ Extension-of-Life solutions a more
cost-effective choice?
 
As a continuing manufacturer authorized by over 60 original semiconductor manufacturers, Rochester Electronics
always manufactures components using the original silicon technology. These newly manufactured devices are
exact form, fit, and function devices. Rochester guarantees that their components will work just as the originals –
no surprises, no compromises. Manufacturers and design houses that deal in “substitutes” cannot make that
guarantee.
Rochester maintains the world’s largest inventory of silicon wafers – over 10 billion die, all of which are either
purchased from the original manufacturer or manufactured by Rochester under authorization from the original
manufacturer.
When die is no longer available, Rochester’s Design & Technology Groups can re-create a semiconductor.
Rochester’s Semiconductor Replication Process
TM (SRPTM) produces replicated components that are physically
and electrically identical to the original devices. All Rochester replications are 100% guaranteed to meet or
exceed the original specifications. All of Rochester’s manufacturing and replication programs are authorized and
supported by the original manufacturers.
In addition, Rochester offers customizable storage and distribution programs that build long-term solutions.
 
Summary
 
Only the Rochester Electronics Extension-of-Life solutions can provide an absolute guarantee that a replacement
semiconductor device will function exactly as the original.
“Substitute” solutions introduce myriad, sometimes hidden inconsistencies that cause a variety of failures –
sometimes obvious, and sometimes difficult to diagnose. These failures are especially unacceptable in high-
reliability and safety-critical applications.
Rochester’s Extension-of-Life solutions are saving millions of dollars every day for customers in all sorts of
industries – aerospace, industrial, medical, military, security, space, telecom, and transportation.
 
sales@rocelec.com
http://rocelec.com/



Html Pages

1 2 3 4