| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ROCHESTER1 bảng dữ liệu(PDF) 3 Page - Rochester Electronics |
|
|
|||||||||||||||||||||||||||||
ROCHESTER1 bảng dữ liệu(HTML) 3 Page - Rochester Electronics |
|
3 / 4 page ![]() RoHS Compliancy in the Medical Equipment Supply Chain by 2014 © Copyright Rochester Electronics Page 3 February 2013 finish for lead can become highly susceptible to growing "tin whiskers.” As a result, any whiskers that form can short the device and cause the device to fail. What it means to be RoHS Compliant from a supplier point-of-view From a competitive standpoint, remaining compliant can save a company a lot of time and hassle, which can ultimately maximize efficiency throughout the supply chain. In addition to increased efficiencies, compliance benefits also include reduction in administration costs and total costs, accelerated time to market, a decrease in supply chain risks (receiving non-RoHS devices), and an overall improvement in supplier performance and customer collaboration. It is vital that medical companies establish relationships with compliant manufacturers and authorized distributors to help alleviate any potential threats that would close down a smooth-running production line and overall operation. While these points all remain true, it is also important to realize that the ROHS Compliant Initiative will restrict companies from shipping to Europe for as long as they remain non- compliant. Threats of non-RoHS compliant devices linger within the supply chain, along with substandard RoHS devices that are not from the original manufacture. Relying on an authorized source during the transition from exemption-to-RoHS will help medical companies get their customers the devices and materials they need as soon as possible, with the confidence that the devices are in-fact compliant, and functioning properly. There are life-critical applications in the medical industry, and it is essential that the procurement of compliant devices is taken seriously. How Rochester can help with RoHS and non-RoHS component requirements Based on the new requirements, medical OEMs may find themselves in a situation where specific devices have gone obsolete, and as a result, could end up with costly re-design charges. Rochester Electronics and other leading companies in the electronics industry are trust-worthy, authorized sources of semiconductors and have been for decades, supporting industries such as aerospace, defense, telecommunications, as well as medical. With billions of factory-direct devices in stock, including those which are RoHS compliant, Rochester has been able to provide the devices needed as they are needed, for more than 30 years. In addition, Rochester Electronics’ ever expanding manufacturing services include the continued manufacture of finished devices from billions of original OCM die, carefully stored in the largest on-site die bank in the world. Rochester has full authorization from the original component manufacturers to build the necessary component that would allow for continued, uninterrupted production at equipment manufacturers. Through the acquisition of OCM intellectual property, Rochester Electronics has the ability to package product in its required package type, even if that package was never offered in the past. To the medical industry’s imminent requirements, this includes RoHS and lead-free packaging as well. |