| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HDC-R160-41P1-TG30 bảng dữ liệu(PDF) 1 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
HDC-R160-41P1-TG30 bảng dữ liệu(HTML) 1 Page - 3M Electronics |
|
1 / 4 page ![]() 3 Electronic Solutions Division Interconnect Solutions http://www.3Mconnectors.com 3M is a trademark of 3M Company. For technical, sales or ordering information call 800-225-5373 3M™ HDC Socket .100” Vertical Mount, PCB/Backplane, Solder Tail or Press-Fit HDC Series • Ideal for parallel four-row PCB stacking • Press-Fit tail requires only flat push tool for installation • Mates with four-row single-bay headers and plugs • Optional feed-through tails • RoHS* compliant. See the Regulatory Information Appendix (RIA) in the “RoHS compliance” section of www.3Mconnectors.com for compliance information (RIAE1 & C1 apply) Date Modified: May 14, 2013 TS-1138-E Sheet 1 of 3 Physical Insulation: Material: Glass Filled Thermoplastic (LCP) Flammability: UL94V-0 Color: Black Contact: Material: CopperAlloy Plating: Underplating: 50 μ” [ 1.27 μm ] min. Nickel WipingArea: See Ordering Information TerminationArea: See Ordering Information Marking: Part Number and Date Code Electrical Current Rating: 3.0A Insulation Resistance: 1 x 103 M Ω min. at 500V DC Withstanding Voltage: 900VAC for 1 minute Environmental Temperature Rating: -55°C to +105°C Process Rating: Maximum 260°C (per J-STD-020C) Moisture Sensitivity Level: 1 (per J-STD-020C) ULFile No.: E68080 |
Số phần tương tự - HDC-R160-41P1-TG30 |
|
Mô tả tương tự - HDC-R160-41P1-TG30 |