công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLC2934IPWR bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện TLC2934IPWR
Giải thích chi tiết về linh kiện  3.3 V 130 MHZ VCO, PHASE FREQUENCY DETECTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TLC2934IPWR bảng dữ liệu(HTML) 1 Page - Texas Instruments

  TLC2934IPWR Datasheet HTML 1Page - Texas Instruments TLC2934IPWR Datasheet HTML 2Page - Texas Instruments TLC2934IPWR Datasheet HTML 3Page - Texas Instruments TLC2934IPWR Datasheet HTML 4Page - Texas Instruments TLC2934IPWR Datasheet HTML 5Page - Texas Instruments TLC2934IPWR Datasheet HTML 6Page - Texas Instruments TLC2934IPWR Datasheet HTML 7Page - Texas Instruments TLC2934IPWR Datasheet HTML 8Page - Texas Instruments TLC2934IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLC2934
3.3 V 130 MHZ VCO, PHASE FREQUENCY DETECTOR
SLAS306 – NOVEMBER 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Voltage-Controlled Oscillator (VCO)
–
Ring Oscillator Using Only One
External Biasing Resistor (RBIAS)
D Recommended Lock Frequency
– 100 MHz to 130 MHz
– (VDD = 3.3 V + 5%, TA = –20°C to 75°C)
D Phase-Frequency Detector (PFD)
Includes a High-Speed Edge-Triggered
Detector With Internal Charge Pump
D Independent VCO, PFD Power-Down
Mode
D Thin Small-Outline Package (14
Terminal)
D Compatible Pin Assignment to
TLC2932, TLC2933
description
The TLC2934, a mixed signal IC designed for phase-locked-loop (PLL) systems, is composed of a
voltage-controlled oscillator (VCO) and an edge-triggered-type phase frequency detector (PFD).
The internal VCO is based on the TLC2932 and TLC2933s ring oscillator. It oscillates in wider frequency with
lower supply voltage, and it has stable oscillating performance. The oscillation function, provided by only one
external resistor connection, supplies bias to the VCI internal circuit. Oscillator range is covered from 10 MHz
to 130 MHz with a 3.3-V supply voltage. The VCO has an inhibit function to stop oscillation and for the
power-down mode.
The internal PFD, a high-speed rising edge triggered type, has an internal charge pump with a high-impedance
output buffer. The PFD detects phase difference between the reference frequency input and the signal
frequency input from the VCO output through an external counter device. This functions the same as TLC2932
and TLC2933. The PFD also has the inhibit function for stop phase comparison and for power-down mode.
block diagram
Through
or 1/2
Ring
Oscillator
Bias
Control
VCO
PFD
Ring
Oscillator
TLC29341PW
f(OSC)
PFD OUT
Bias Supply
Control Voltage
VCO INHIBIT
Reference Input
Comparison Input
PFD INHIBIT
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
LOGIC VDD
SELECT
VCO OUT
FIN -A
FIN -B
PFD OUT
LOGIC GND
VCO VDD
RBIAS
VCO IN
VCO GND
VCO INHIBIT
PFD INHIBIT
TEST
PW PACKAGE
(TOP VIEW)


Số phần tương tự - TLC2934IPWR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TLC2934 TI-TLC2934 Datasheet
112Kb / 8P
3.3 V 130 MHZ VCO, PHASE FREQUENCY DETECTOR
More results

Mô tả tương tự - TLC2934IPWR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCH12140 MOTOROLA-MCH12140 Datasheet
71Kb / 4P
PHASE-FREQUENCY DETECTOR
logo
Agere Systems
LUCDA4044 AGERE-LUCDA4044 Datasheet
210Kb / 6P
Phase Frequency Detector
August 1998
logo
LANSDALE Semiconductor ...
ML12040 LANSDALE-ML12040 Datasheet
86Kb / 1P
PHASE FREQUENCY DETECTOR
logo
Motorola, Inc
MC4344 MOTOROLA-MC4344 Datasheet
1Mb / 18P
PHASE-FREQUENCY DETECTOR
logo
Texas Instruments
TLC2934 TI-TLC2934 Datasheet
112Kb / 8P
3.3 V 130 MHZ VCO, PHASE FREQUENCY DETECTOR
logo
ON Semiconductor
MCK1214 ONSEMI-MCK1214 Datasheet
49Kb / 4P
Phase-Frequency Detector
April, 2004 ??Rev. 7
logo
Motorola, Inc
MC12040 MOTOROLA-MC12040 Datasheet
68Kb / 5P
Phase-Frequency Detector
logo
ON Semiconductor
MCH12140 ONSEMI-MCH12140_06 Datasheet
130Kb / 5P
Phase-Frequency Detector
July, 2006 ??Rev. 9
logo
LANSDALE Semiconductor ...
ML4344 LANSDALE-ML4344 Datasheet
6Mb / 5P
Phase Frequency Detector
ML12040 LANSDALE-ML12040_05 Datasheet
2Mb / 5P
Phase-Frequency Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com