| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9776-EB bảng dữ liệu(PDF) 32 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9776-EB bảng dữ liệu(HTML) 32 Page - Analog Devices |
|
32 / 56 page ![]() AD9776/AD9778/AD9779 Rev. A | Page 32 of 56 10 –100 –4 4 fOUT (× Input Data Rate) –3 –2 –1 0123 0 –10 –20 –30 –40 –50 –60 –70 –80 –90 Figure 59. 8× Interpolation, Low-Pass Response to ±4× Input Data Rate (Dotted Lines Indicate 1 dB Roll-Off) With the interpolation filter and modulator combined, the incoming signal can be placed anywhere within the Nyquist region of the DAC output sample rate. When the input signal is complex, this architecture allows modulation of the input signal to positive or negative Nyquist regions (see Table 17). The Nyquist regions of up to 4× the input data rate can be seen in Figure 60. –4 × –8 –3 × –6 –2 × –4 –1 × –2 DC 1 1 × 3 2 × 5 3 × 7 –7 –5 –3 –1 2 4 6 8 4 × Figure 60. Nyquist Zones Figure 57, Figure 58, and Figure 59 show the low-pass response of the digital filters with no modulation. By turning on the modulation feature, the response of the digital filters can be tuned to anywhere within the DAC bandwidth. As an example, Figure 61 to Figure 67 show the nonshifted mode filter responses (refer to Table 17 for shifted/nonshifted mode filter responses). 10 –100 –4 4 –3 –2 –1 0123 0 –10 –20 –30 –40 –50 –60 –70 –80 –90 fOUT (× Input Data Rate) Figure 61. Interpolation/Modulation Combination of 4 fDAC/8 Filter 10 –100 –4 4 –3 –2 –1 0123 0 –10 –20 –30 –40 –50 –60 –70 –80 –90 fOUT (× Input Data Rate) Figure 62. Interpolation/Modulation Combination of −3 fDAC/8 Filter 10 –100 –4 4 –3 –2 –1 0123 0 –10 –20 –30 –40 –50 –60 –70 –80 –90 fOUT (× Input Data Rate) Figure 63. Interpolation/Modulation Combination of −2 fDAC/8 Filter 10 –100 –4 4 –3 –2 –1 0123 0 –10 –20 –30 –40 –50 –60 –70 –80 –90 fOUT (× Input Data Rate) Figure 64. Interpolation/Modulation Combination of −1 fDAC/8 Filter |