công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD4049 bảng dữ liệu(PDF) 6 Page - Rochester Electronics

tên linh kiện CD4049
Giải thích chi tiết về linh kiện  CD4049UBM Hex Inverting Buffer CD4050BMCD4050BC Hex Non-Inverting Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROCHESTER [Rochester Electronics]
Trang chủ  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

CD4049 bảng dữ liệu(HTML) 6 Page - Rochester Electronics

  CD4049 Datasheet HTML 1Page - Rochester Electronics CD4049 Datasheet HTML 2Page - Rochester Electronics CD4049 Datasheet HTML 3Page - Rochester Electronics CD4049 Datasheet HTML 4Page - Rochester Electronics CD4049 Datasheet HTML 5Page - Rochester Electronics CD4049 Datasheet HTML 6Page - Rochester Electronics CD4049 Datasheet HTML 7Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CD4049/CD4050
Specification Number CD4049_50UB-M-(N) REV -
Page 6 of 7
Schematic Diagrams
CD4049UBMCD4049UBC
1 of 6 Identical Units
TLF5971 – 3
CD4050BMCD4050BC
1 of 6 Identical Units
TLF5971 – 4
Switching Time Waveforms
TLF5971 – 5
Typical Applications
CMOS to TTL or CMOS at a Lower VDD
TLF5971 – 6
Note
VDD1 t VDD2
Note
In the case of the CD4049UBMCD4049UBC
the output drive capability increases with increasing
input voltage Eg If VDD1 e 10V the CD4049UBM
CD4049UBC could drive 4 TTL loads
5



Html Pages

1 2 3 4 5 6 7