| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DEV-BF548 bảng dữ liệu(PDF) 32 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
DEV-BF548 bảng dữ liệu(HTML) 32 Page - List of Unclassifed Manufacturers |
|
32 / 36 page ![]() Blackfin DEV-BF548-Lite. DEV-BF548DA-lite Hardware User Manual 31 9 Extender Board Compatibility List This chapter points out the compatibility of the DEV-BF548-Lite and DEV-BF548DA-Lite with Core Module and Extension Boards. Please refer to the Extender board and Core Module Hardware Manuals for further information. Legend: OK Full functional (OK) Functional but not all features are available NO Not functional NG Functionality not guaranteed NT Not tested yet Limited Limited The following tables show possible board combinations: 9.1 Without Extender Board Core Module CM-BF548 No Extender OK Table 9-1: Used without Extender Board 9.2 EXT-BF5xx-EXP Core Module CM-BF548 EXT-BF5xx-EXP NT Table 9-2: Used with the Experimental Extender Board All boards can be used in combination with the Experimental Extender Board 9.3 EXT-BF5xx-Video Core Module CM-BF548 EXT-BF5xx-Video NT Table 9-3: Used with the Video Extender Board |