công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L6228DTR bảng dữ liệu(PDF) 16 Page - STMicroelectronics

tên linh kiện L6228DTR
Giải thích chi tiết về linh kiện  DMOS DRIVER FOR BIPOLAR STEPPER MOTOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6228DTR bảng dữ liệu(HTML) 16 Page - STMicroelectronics

Back Button L6228DTR Datasheet HTML 12Page - STMicroelectronics L6228DTR Datasheet HTML 13Page - STMicroelectronics L6228DTR Datasheet HTML 14Page - STMicroelectronics L6228DTR Datasheet HTML 15Page - STMicroelectronics L6228DTR Datasheet HTML 16Page - STMicroelectronics L6228DTR Datasheet HTML 17Page - STMicroelectronics L6228DTR Datasheet HTML 18Page - STMicroelectronics L6228DTR Datasheet HTML 19Page - STMicroelectronics L6228DTR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
L6228
16/26
Figure 18. Wave Drive Mode
NON-DISSIPATIVE OVERCURRENT PROTECTION
The L6228 integrates an Overcurrent Detection Circuit (OCD) for full protection. This circuit provides protection
against a short circuit to ground or between two phases of the bridge. With this internal over current detection,
the external current sense resistor normally used and its associated power dissipation are eliminated. Figure 19
shows a simplified schematic of the overcurrent detection circuit.
To implement the over current detection, a sensing element that delivers a small but precise fraction of the out-
put current is implemented with each high side power MOS. Since this current is a small fraction of the output
current there is very little additional power dissipation. This current is compared with an internal reference cur-
rent IREF. When the output current reaches the detection threshold (typically 2.8A) the OCD comparator signals
a fault condition. When a fault condition is detected, the EN pin is pulled below the turn off threshold (1.3V typ-
ical) by an internal open drain MOS with a pull down capability of 4mA. By using an external R-C on the EN pin,
the off time before recovering normal operation can be easily programmed by means of the accurate thresholds
of the logic inputs.
Figure 19. Overcurrent Protection Simplified Schematic
2
4
2
D01IN1321
4682468
6
8
IOUTA
IOUTB
CLOCK
35
17
Start Up or Reset
+
OVER TEMPERATURE
IREF
(I1A+I2A) / n
I1A / n
POWER SENSE
1 cell
POWER SENSE
1 cell
POWER DMOS
n cells
POWER DMOS
n cells
HIGH SIDE DMOSs OF
THE BRIDGE A
OUT1A
OUT2A
VSA
I1A
I2A
I2A / n
FROM THE
BRIDGE B
OCD
COMPARATOR
OCD
COMPARATOR
TO GATE
LOGIC
INTERNAL
OPEN-DRAIN
RDS(ON)
40
Ω TYP.
CEN.
REN.EN
VDD
µC or LOGIC
D01IN1337



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com