| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WD-30-B bảng dữ liệu(PDF) 7 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
WD-30-B bảng dữ liệu(HTML) 7 Page - List of Unclassifed Manufacturers |
|
7 / 48 page ![]() INDUSTRIES CORP. Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com 7 LONG NOSE GRIPPING PRESSING PLIERS Long nose pliers for gripping and pressing. Inner surface of the jaws are knurled near the end to facilitate gripping wire, binding post nuts etc. Aluminum oxide insulation coating on the outside nose surface. The inside gripping jaws are provided with mated grooves near the joint for use in pressing .032/.035” brass sleeves. One stripping hole .054” diameter Orange plastic handle. LONG & SHORT NOSE PLIERS ELONGNOSE BSHORTNOSE SHORTNOSE PLIERS Intended for use in skinning 22-24 AWG wire and crushing insulation in nose slot. The front portion of the jaws is narrowed, and a portion of the inner face of one jaw is relieved to skin insulation from wire. The inner surface of the jaws are serrated to facilitate gripping wire. Orange plastic handle. JIC-842 BLONGNOSE TELECOM LONG NOSE D PLIERS Pliers are for general use looping, bending and cutting. Grips small wires and parts and reaches into tight spaces. Jaws are knurled, serrated and have side cutting blades. Cushion gripped yellow plastic handle. LONG NOSE GENERAL USE PLIERS Chain nose pliers for general use. Inner surface of the jaws are knurled near the end to facilitate gripping wire, binding post nuts etc. Orange plastic handle. JONARD LENGTH JAW JAW JAW CUTTER PART NO. LENGTH WIDTH THICKNESS LENGTH JIC-842 6 3/4” 1 7/8” 11/16” 3/8” 1/2” JONARD LENGTH JAW JAW JAW PART NO. LENGTH WIDTH THICKNESS ELONGNOSE 6 7/8” 1 7/8” 11/16” 3/8” JONARD LENGTH JAW JAW JAW PART NO. LENGTH WIDTH THICKNESS BSHORTNOSE 6 1/2” 1 1/2” 3/4” 3/8” JONARD LENGTH JAW JAW JAW PART NO. LENGTH WIDTH THICKNESS BLONGNOSE 6 7/8” 1 1/2” 3/4” 3/8” |