| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP2951CSDX-3.0/NOPB bảng dữ liệu(PDF) 25 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP2951CSDX-3.0/NOPB bảng dữ liệu(HTML) 25 Page - Texas Instruments |
|
25 / 43 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 21-May-2013 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LP2950ACZ-3.0/NOPB ACTIVE TO-92 LP 3 1800 Green (RoHS & no Sb/Br) SNCU Level-1-NA-UNLIM -40 to 125 2950A CZ3.0 LP2950ACZ-3.3/NOPB ACTIVE TO-92 LP 3 1800 Green (RoHS & no Sb/Br) SNCU Level-1-NA-UNLIM -40 to 125 2950A CZ3.3 LP2950ACZ-5.0/LFT1 ACTIVE TO-92 LP 3 2000 Green (RoHS & no Sb/Br) SNCU Level-1-NA-UNLIM 2950A CZ5.0 LP2950ACZ-5.0/LFT3 ACTIVE TO-92 LP 3 2000 Green (RoHS & no Sb/Br) SNCU Level-1-NA-UNLIM 2950A CZ5.0 LP2950ACZ-5.0/LFT7 ACTIVE TO-92 LP 3 2000 Green (RoHS & no Sb/Br) SNCU Level-1-NA-UNLIM 2950A CZ5.0 LP2950ACZ-5.0/NOPB ACTIVE TO-92 LP 3 1800 Green (RoHS & no Sb/Br) SNCU Level-1-NA-UNLIM -40 to 125 2950A CZ5.0 LP2950CDT-3.0 ACTIVE TO-252 NDP 3 75 TBD Call TI Call TI -40 to 125 LP2950CDT-3.0/NOPB ACTIVE TO-252 NDP 3 75 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR -40 to 125 LP2950 CDT-3.0 LP2950CDT-3.3 ACTIVE TO-252 NDP 3 75 TBD Call TI Call TI -40 to 125 LP2950 CDT-3.3 LP2950CDT-3.3/NOPB ACTIVE TO-252 NDP 3 75 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR -40 to 125 LP2950 CDT-3.3 LP2950CDT-5.0/NOPB ACTIVE TO-252 NDP 3 75 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR -40 to 125 LP2950 CDT-5.0 LP2950CDTX-3.0 ACTIVE TO-252 NDP 3 2500 TBD Call TI Call TI -40 to 125 LP2950CDTX-3.0/NOPB ACTIVE TO-252 NDP 3 2500 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR -40 to 125 LP2950 CDT-3.0 LP2950CDTX-3.3 ACTIVE TO-252 NDP 3 2500 TBD Call TI Call TI -40 to 125 LP2950CDTX-3.3/NOPB ACTIVE TO-252 NDP 3 2500 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR -40 to 125 LP2950 CDT-3.3 LP2950CDTX-5.0 ACTIVE TO-252 NDP 3 2500 TBD Call TI Call TI -40 to 125 LP2950 CDT-5.0 LP2950CDTX-5.0/NOPB ACTIVE TO-252 NDP 3 2500 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR -40 to 125 LP2950 CDT-5.0 LP2950CN ACTIVE PDIP P 8 40 TBD Call TI Call TI -40 to 125 LP |