| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP2951CSD-3.3/NOPB bảng dữ liệu(PDF) 33 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP2951CSD-3.3/NOPB bảng dữ liệu(HTML) 33 Page - Texas Instruments |
|
33 / 43 page ![]() Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant LP2951ACMX-3.0 SOIC D 8 2500 330.0 12.4 6.5 5.4 2.0 8.0 12.0 Q1 LP2951ACMX-3.0/NOPB SOIC D 8 2500 330.0 12.4 6.5 5.4 2.0 8.0 12.0 Q1 LP2951ACMX-3.3 SOIC D 8 2500 330.0 12.4 6.5 5.4 2.0 8.0 12.0 Q1 LP2951ACMX-3.3/NOPB SOIC D 8 2500 330.0 12.4 6.5 5.4 2.0 8.0 12.0 Q1 LP2951ACMX/NOPB SOIC D 8 2500 330.0 12.4 6.5 5.4 2.0 8.0 12.0 Q1 LP2951ACSD WSON NGT 8 1000 178.0 12.4 4.3 4.3 1.3 8.0 12.0 Q1 LP2951ACSD/NOPB WSON NGT 8 1000 178.0 12.4 4.3 4.3 1.3 8.0 12.0 Q1 LP2951ACSDX WSON NGT 8 4500 330.0 12.4 4.3 4.3 1.3 8.0 12.0 Q1 LP2951ACSDX-3.3 WSON NGT 8 4500 330.0 12.4 4.3 4.3 1.3 8.0 12.0 Q1 LP2951ACSDX-3.3/NOPB WSON NGT 8 4500 330.0 12.4 4.3 4.3 1.3 8.0 12.0 Q1 LP2951ACSDX/NOPB WSON NGT 8 4500 330.0 12.4 4.3 4.3 1.3 8.0 12.0 Q1 LP2951CMM VSSOP DGK 8 1000 178.0 12.4 5.3 3.4 1.4 8.0 12.0 Q1 LP2951CMM-3.0 VSSOP DGK 8 1000 178.0 12.4 5.3 3.4 1.4 8.0 12.0 Q1 LP2951CMM-3.0/NOPB VSSOP DGK 8 1000 178.0 12.4 5.3 3.4 1.4 8.0 12.0 Q1 LP2951CMM-3.3/NOPB VSSOP DGK 8 1000 178.0 12.4 5.3 3.4 1.4 8.0 12.0 Q1 LP2951CMM/NOPB VSSOP DGK 8 1000 178.0 12.4 5.3 3.4 1.4 8.0 12.0 Q1 LP2951CMMX VSSOP DGK 8 3500 330.0 12.4 5.3 3.4 1.4 8.0 12.0 Q1 LP2951CMMX-3.0 VSSOP DGK 8 3500 330.0 12.4 5.3 3.4 1.4 8.0 12.0 Q1 LP2951CMMX-3.0/NOPB VSSOP DGK 8 3500 330.0 12.4 5.3 3.4 1.4 8.0 12.0 Q1 LP2951CMMX-3.3 VSSOP DGK 8 3500 330.0 12.4 5.3 3.4 1.4 8.0 12.0 Q1 LP2951CMMX-3.3/NOPB VSSOP DGK 8 3500 330.0 12.4 5.3 3.4 1.4 8.0 12.0 Q1 LP2951CMMX/NOPB VSSOP DGK 8 3500 330.0 12.4 5.3 3.4 1.4 8.0 12.0 Q1 LP2951CMX SOIC D 8 2500 330.0 12.4 6.5 5.4 2.0 8.0 12.0 Q1 LP2951CMX-3.0 SOIC D 8 2500 330.0 12.4 6.5 5.4 2.0 8.0 12.0 Q1 LP2951CMX-3.0/NOPB SOIC D 8 2500 330.0 12.4 6.5 5.4 2.0 8.0 12.0 Q1 LP2951CMX-3.3 SOIC D 8 2500 330.0 12.4 6.5 5.4 2.0 8.0 12.0 Q1 LP2951CMX-3.3/NOPB SOIC D 8 2500 330.0 12.4 6.5 5.4 2.0 8.0 12.0 Q1 LP2951CMX/NOPB SOIC D 8 2500 330.0 12.4 6.5 5.4 2.0 8.0 12.0 Q1 LP2951CSD WSON NGT 8 1000 178.0 12.4 4.3 4.3 1.3 8.0 12.0 Q1 LP2951CSD-3.0 WSON NGT 8 1000 178.0 12.4 4.3 4.3 1.3 8.0 12.0 Q1 LP2951CSD-3.0/NOPB WSON NGT 8 1000 178.0 12.4 4.3 4.3 1.3 8.0 12.0 Q1 LP2951CSD-3.3 WSON NGT 8 1000 178.0 12.4 4.3 4.3 1.3 8.0 12.0 Q1 LP2951CSD-3.3/NOPB WSON NGT 8 1000 178.0 12.4 4.3 4.3 1.3 8.0 12.0 Q1 LP2951CSD/NOPB WSON NGT 8 1000 178.0 12.4 4.3 4.3 1.3 8.0 12.0 Q1 LP2951CSDX WSON NGT 8 4500 330.0 12.4 4.3 4.3 1.3 8.0 12.0 Q1 LP2951CSDX-3.0 WSON NGT 8 4500 330.0 12.4 4.3 4.3 1.3 8.0 12.0 Q1 LP2951CSDX-3.0/NOPB WSON NGT 8 4500 330.0 12.4 4.3 4.3 1.3 8.0 12.0 Q1 LP2951CSDX-3.3 WSON NGT 8 4500 330.0 12.4 4.3 4.3 1.3 8.0 12.0 Q1 LP2951CSDX-3.3/NOPB WSON NGT 8 4500 330.0 12.4 4.3 4.3 1.3 8.0 12.0 Q1 LP2951CSDX/NOPB WSON NGT 8 4500 330.0 12.4 4.3 4.3 1.3 8.0 12.0 Q1 PACKAGE MATERIALS INFORMATION www.ti.com 29-May-2013 Pack Materials-Page 2 |