| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATAVRISP2 bảng dữ liệu(PDF) 20 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATAVRISP2 bảng dữ liệu(HTML) 20 Page - ATMEL Corporation |
|
20 / 24 page ![]() 20 AVR069 8015B-AVR-02/06 Name Value Hex bEndpointAddress 2 OUT 0x02 bmAttributes. TransferType Bulk 0x2 bmAttributes. Reserved Zero 0x00 wMaxPacketSize 64 bytes 0x0040 bInterval Ignored for Bulk endpoints 0x0A 6.3 Setting SCK Frequency The AVRISP mkII supports the SCK frequencies shown in avrispmkIIfreqs below. Use the CalcSckDur( ) algorithm to find the PARAM_SCK_DURATION value for a given frequency: // frequencies for AVRISP mkII ISP programming double avrispmkIIfreqs[] = { 8000000, 4000000, 2000000, 1000000, 500000, 250000, 125000, 96386, 89888, 84211, 79208, 74767, 70797, 67227, 64000, 61069, 58395, 55945, 51613, 49690, 47905, 46243, 43244, 41885, 39409, 38278, 36200, 34335, 32654, 31129, 29740, 28470, 27304, 25724, 24768, 23461, 22285, 21221, 20254, 19371, 18562, 17583, 16914, 16097, 15356, 14520, 13914, 13224, 12599, 12031, 11511, 10944, 10431, 9963, 9468, 9081, 8612, 8239, 7851, 7498, 7137, 6809, 6478, 6178, 5879, 5607, 5359, 5093, 4870, 4633, 4418, 4209, 4019, 3823, 3645, 3474, 3310, 3161, 3011, 2869, 2734, 2611, 2484, 2369, 2257, 2152, 2052, 1956, 1866, 1779, 1695, 1615, 1539, 1468, 1398, 1333, 1271, 1212, 1155, 1101, 1049, 1000, 953, 909, 866, 826, 787, 750, 715, 682, 650, 619, 590, 563, 536, 511, 487, 465, 443, 422, 402, 384, 366, 349, 332, 317, 302, 288, 274, 261, 249, 238, 226, 216, 206, 196, 187, 178, 170, 162, 154, 147, 140, 134, 128, 122, 116, 111, 105, 100, 95.4, 90.9, 86.6, 82.6, 78.7, 75.0, 71.5, 68.2, 65.0, 61.9, 59.0, 56.3, 53.6, 51.1 }; UCHAR CalcSckDur(long sckFrequency) { UCHAR paramSckDuration; // Default to slowest value paramSckDuration = (UCHAR)sizeof(avrispmkIIfreqs)-1; // Find first frequency that is less than the requested for (int i = 0; i < sizeof(avrispmkIIfreqs); i++) { |