| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM5100ASD bảng dữ liệu(PDF) 11 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM5100ASD bảng dữ liệu(HTML) 11 Page - Texas Instruments |
|
11 / 28 page ![]() LI HI tHPLH tLPLH tHPHL tLPHL LO HO LI HI tMOFF tMON LO HO LM5100A, LM5100B, LM5100C, LM5101A, LM5101B, LM5101C www.ti.com SNOSAW2P – SEPTEMBER 2006 – REVISED MARCH 2013 TIMING DIAGRAM Figure 24. Layout Considerations The optimum performance of high and low-side gate drivers cannot be achieved without taking due considerations during circuit board layout. Following points are emphasized. 1. Low ESR / ESL capacitors must be connected close to the IC, between VDD and VSS pins and between the HB and HS pins to support the high peak currents being drawn from VDD during turn-on of the external MOSFET. 2. To prevent large voltage transients at the drain of the top MOSFET, a low ESR electrolytic capacitor must be connected between MOSFET drain and ground (VSS). 3. In order to avoid large negative transients on the switch node (HS pin), the parasitic inductances in the source of top MOSFET and in the drain of the bottom MOSFET (synchronous rectifier) must be minimized. 4. Grounding Considerations: – a) The first priority in designing grounding connections is to confine the high peak currents that charge and discharge the MOSFET gate into a minimal physical area. This will decrease the loop inductance and minimize noise issues on the gate terminal of the MOSFET. The MOSFETs should be placed as close as possible to the gate driver. – b) The second high current path includes the bootstrap capacitor, the bootstrap diode, the local ground referenced bypass capacitor and low-side MOSFET body diode. The bootstrap capacitor is recharged on a cycle-by-cycle basis through the bootstrap diode from the ground referenced VDD bypass capacitor. The recharging occurs in a short time interval and involves high peak current. Minimizing this loop length and area on the circuit board is important to ensure reliable operation. A recommended layout pattern for the driver is shown in the following figure. If possible a single layer placement is preferred. Copyright © 2006–2013, Texas Instruments Incorporated Submit Documentation Feedback 11 Product Folder Links: LM5100A LM5100B LM5100C LM5101A LM5101B LM5101C |