| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP5900SD-2.7/NOPB bảng dữ liệu(PDF) 15 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP5900SD-2.7/NOPB bảng dữ liệu(HTML) 15 Page - Texas Instruments |
|
15 / 25 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 2-May-2013 Addendum-Page 4 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Top-Side Markings (4) Samples LP5900TLX-1.9/NOPB ACTIVE DSBGA YZR 4 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TLX-2.0/NOPB ACTIVE DSBGA YZR 4 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TLX-2.1/NOPB ACTIVE DSBGA YZR 4 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TLX-2.2/NOPB ACTIVE DSBGA YZR 4 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TLX-2.3/NOPB ACTIVE DSBGA YZR 4 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TLX-2.5/NOPB ACTIVE DSBGA YZR 4 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TLX-2.6/NOPB ACTIVE DSBGA YZR 4 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TLX-2.65/NOPB ACTIVE DSBGA YZR 4 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TLX-2.7/NOPB ACTIVE DSBGA YZR 4 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TLX-2.75/NOPB ACTIVE DSBGA YZR 4 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TLX-2.8/NOPB ACTIVE DSBGA YZR 4 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TLX-2.85/NOPB ACTIVE DSBGA YZR 4 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TLX-3.0/NOPB ACTIVE DSBGA YZR 4 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TLX-3.3/NOPB ACTIVE DSBGA YZR 4 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TLX-4.5/NOPB ACTIVE DSBGA YZR 4 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900XR-1.8/NOPB ACTIVE DSBGA YPF 4 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900XR-2.8/NOPB ACTIVE DSBGA YPF 4 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900XRX-1.8/NOPB ACTIVE DSBGA YPF 4 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 |