công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F205RBT7 bảng dữ liệu(PDF) 46 Page - STMicroelectronics

tên linh kiện STM32F205RBT7
Giải thích chi tiết về linh kiện  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205RBT7 bảng dữ liệu(HTML) 46 Page - STMicroelectronics

Back Button STM32F205RBT7 Datasheet HTML 42Page - STMicroelectronics STM32F205RBT7 Datasheet HTML 43Page - STMicroelectronics STM32F205RBT7 Datasheet HTML 44Page - STMicroelectronics STM32F205RBT7 Datasheet HTML 45Page - STMicroelectronics STM32F205RBT7 Datasheet HTML 46Page - STMicroelectronics STM32F205RBT7 Datasheet HTML 47Page - STMicroelectronics STM32F205RBT7 Datasheet HTML 48Page - STMicroelectronics STM32F205RBT7 Datasheet HTML 49Page - STMicroelectronics STM32F205RBT7 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 177 page
background image
Pinouts and pin description
STM32F20xxx
46/177
Doc ID 15818 Rev 9
--
-
95 114 H13
VDD_9
SVDD_9
37 G2 63 96 115 H15
PC6
I/O FT
PC6
I2S2_MCK /
TIM8_CH1/SDIO_D6 /
USART6_TX /
DCMI_D0/TIM3_CH1/
EVENTOUT
38 F2 64 97 116 G15
PC7
I/O FT
PC7
I2S3_MCK /
TIM8_CH2/SDIO_D7 /
USART6_RX /
DCMI_D1/TIM3_CH2/
EVENTOUT
39 F3 65 98 117 G14
PC8
I/O FT
PC8
TIM8_CH3/SDIO_D0
/TIM3_CH3/ USART6_CK /
DCMI_D2/ EVENTOUT
40 D1 66 99 118 F14
PC9
I/O FT
PC9
I2S2_CKIN/ I2S3_CKIN/
MCO2 /
TIM8_CH4/SDIO_D1 /
/I2C3_SDA / DCMI_D3 /
TIM3_CH4/ EVENTOUT
41 E2 67 100 119 F15
PA8
I/O FT
PA8
MCO1 / USART1_CK/
TIM1_CH1/ I2C3_SCL/
OTG_FS_SOF/
EVENTOUT
42 E3 68 101 120 E15
PA9
I/O FT
PA9
USART1_TX/ TIM1_CH2 /
I2C3_SMBA / DCMI_D0/
EVENTOUT
OTG_FS_
VBUS
43 D3 69 102 121 D15
PA10
I/O FT
PA10
USART1_RX/ TIM1_CH3/
OTG_FS_ID/DCMI_D1/
EVENTOUT
44 D2 70 103 122 C15
PA11
I/O FT
PA11
USART1_CTS / CAN1_RX /
TIM1_CH4 / OTG_FS_DM/
EVENTOUT
45 C1 71 104 123 B15
PA12
I/O FT
PA12
USART1_RTS / CAN1_TX/
TIM1_ETR/ OTG_FS_DP/
EVENTOUT
46 B2 72 105 124 A15
PA13
I/O FT
JTMS-
SWDIO
JTMS-SWDIO/ EVENTOUT
47 C2 73 106 125 F13
VCAP_2
SVCAP_2
-
B1 74 107 126 F12
VSS_2
SVSS_2
48 A8 75 108 127 G13
VDD_2
SVDD_2
Table 6.
STM32F20x pin and ball definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions
Other
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More