| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADV7188BSTZ bảng dữ liệu(PDF) 59 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADV7188BSTZ bảng dữ liệu(HTML) 59 Page - Analog Devices |
|
59 / 112 page ![]() ADV7188 Rev. A | Page 59 of 112 Table 74. Framing Code Sequence for Different VBI Standards VBI Standard Length in Bits Error-Free Framing Code Bits (In Order of Transmission ) Error-Free Framing Code Reported by VDP (In Reverse Order of Transmission ) TTXT_SYSTEM_A (PAL) 8 11100111 11100111 TTXT_SYSTEM_B (PAL) 8 11100100 00100111 TTXT_SYSTEM_B (NTSC) 8 11100100 00100111 TTXT_SYSTEM_C (PAL and NTSC) 8 11100111 11100111 TTXT_SYSTEM_D (PAL and NTSC) 8 11100101 10100111 VPS (PAL) 16 10001010100011001 1001100101010001 VITC (NTSC and PAL) 1 0 0 WSS (PAL) 24 000111100011110000011111 111110000011110001111000 Gemstar 1× (NTSC) 3 001 100 Gemstar 2× (NTSC) 11 1001 1011 101 101 1101 1001 CC (NTSC and PAL) 3 001 100 CGMS (NTSC) 1 0 0 Table 75. Total User Data-Words for Different VBI Standards1 VBI Standard ADF Mode Framing Code UDWs VBI Data- Words Number of Padding Words Total UDWs 00 (nibble mode) 6 74 0 84 TTXT_SYSTEM_A (PAL) 01, 10 (byte mode) 3 37 0 44 00 (nibble mode) 6 84 2 96 TTXT_SYSTEM_B (PAL) 01, 10 (byte mode) 3 42 3 52 00 (nibble mode) 6 68 2 80 TTXT_SYSTEM_B (NTSC) 01, 10 (byte mode) 3 34 3 44 00 (nibble mode) 6 66 0 76 TTXT_SYSTEM_C (PAL and NTSC) 01, 10 (byte mode) 3 33 2 42 00 (nibble mode) 6 68 2 80 TTXT_SYSTEM_D (PAL and NTSC) 01, 10 (byte mode) 3 34 3 44 00 (nibble mode) 6 26 0 36 VPS (PAL) 01, 10 (byte mode) 3 13 0 20 00 (nibble mode) 6 18 0 28 VITC (NTSC and PAL) 01, 10 (byte mode) 3 9 0 16 00 (nibble mode) 6 4 2 16 WSS (PAL) 01, 10 (byte mode) 3 2 3 12 00 (nibble mode) 6 4 2 16 Gemstar 1× (NTSC) 01, 10 (byte mode) 3 2 3 12 00 (nibble mode) 6 8 2 20 Gemstar 2× (NTSC) 01, 10 (byte mode) 3 4 1 12 00 (nibble mode) 6 4 2 16 CC (NTSC and PAL) 01, 10 (byte mode) 3 2 3 12 00 (nibble mode) 6 6 0 16 CGMS (NTSC) 01, 10 (byte mode) 3 3 + 3 2 12 1 The first four UDWs are always the identification word. |