| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE2425MJG bảng dữ liệu(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLE2425MJG bảng dữ liệu(HTML) 13 Page - Texas Instruments |
|
13 / 22 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 24-Jan-2013 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Top-Side Markings (4) Samples 5962-9555601Q2A OBSOLETE LCCC FK 20 TBD Call TI Call TI -55 to 125 5962-9555601QPA OBSOLETE CDIP JG 8 TBD Call TI Call TI -55 to 125 TLE2425CD ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 2425C TLE2425CDG4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 2425C TLE2425CDR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 2425C TLE2425CDRG4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 2425C TLE2425CLP ACTIVE TO-92 LP 3 1000 Pb-Free (RoHS) CU SN N / A for Pkg Type 2425C TLE2425CLPE3 ACTIVE TO-92 LP 3 1000 Pb-Free (RoHS) CU SN N / A for Pkg Type 2425C TLE2425CLPR OBSOLETE TO-92 LP 3 TBD Call TI Call TI TLE2425CPS ACTIVE SO PS 8 80 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM Q2425 TLE2425CPSG4 ACTIVE SO PS 8 80 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM Q2425 TLE2425CPSR ACTIVE SO PS 8 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM Q2425 TLE2425CPSRG4 ACTIVE SO PS 8 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM Q2425 TLE2425ID ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 2425I TLE2425IDG4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 2425I TLE2425IDR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 2425I TLE2425IDRG4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 2425I TLE2425ILP ACTIVE TO-92 LP 3 1000 Pb-Free (RoHS) CU SN N / A for Pkg Type 2425I |