| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OMAP3530ECBC bảng dữ liệu(PDF) 69 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBC bảng dữ liệu(HTML) 69 Page - Texas Instruments |
|
69 / 264 page ![]() OMAP3530/25 Applications Processor www.ti.com SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009 Table 2-2. Ball Characteristics (CBC Pkg.) (continued) BALL BALL BUFFER PULLUP BALL BALL TOP PIN NAME RESET REL. MODE [4] TYPE [5] RESET RESET REL. POWER [9] HYS [10] STRENG TH /DOWN IO CELL [13] BOTTOM [1] [2] [3] MODE [8] STATE [6] STATE [7] (mA) [11] TYPE [12] A1, L1, AF1, A1, J1, AA1, FeedThrough - - - - - - - - - - T2, Y2, AE2, N2, T2, W2, Pins (6) AF4, AF5, Y2, AA6, Y7, AF8, AF10, Y9, AA10, AF12, AF13, AA11, AA12, AF14, AF15, AA13, Y14, AF17, AF16, AA14, B16, A20, AF21, Y17, AA17, AF18, AF24, Y19, AA19, AF22, A25, A20, Y20, AE25, AF25, AA20, A21, A26, B26, B21, H21, K26, U26, P21, Y21, AE26, AF26 AA21 A2, A4, A5, - No Connect - - - - - - - - - - A7, A9, A10, A11, A12, A14, A15, A16, A17, A19, A21, A22, AA23, AB23, AC9, AC12, AC13, AC14, AC17, AC20, AC22, AC23, AD9, AD11, AD12, AD13, AE1, AE8, AE11, AE12, AE13, AF2, AF3, AF11, B1, B7, B8, B9, B10, B11, B12, B13, B14, B15, B16, B17, B18, B19, B20, B21, B22, C7, C8, C9, C10, C13, C14, C15, C16, C17 C18, C19, C20, C21, C22, D5, D6, D8, D11, D16, D17, D19, D21, D22, E23, F4, G7, G13, G14, G15, G16, G17, G19, H8, H9, H10, H11, H12, H13, H14, H15, H16, H17, H18, H19, H23, J3, J4, J7, J8, J9, J10, J11, J12, J13, J14, J16, J17, J19, J20, K4, K7, K8, K9, K10, K12, K16, K17, K19, K23, L8, M8, M23, N18, P2, P4, P24, R23, R24, R25, R26, T25, T26, U23, V4, W12, Y23 (6) These signals are feed-through balls. For more information, refer to Section 2.5.10. Submit Documentation Feedback TERMINAL DESCRIPTION 69 |