công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CSACW_X bảng dữ liệu(PDF) 26 Page - Murata Manufacturing Co., Ltd.

tên linh kiện CSACW_X
Giải thích chi tiết về linh kiện  Ceramic Resonators (CERALOCK)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MURATA [Murata Manufacturing Co., Ltd.]
Trang chủ  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSACW_X bảng dữ liệu(HTML) 26 Page - Murata Manufacturing Co., Ltd.

Back Button CSACW_X Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. CSACW_X Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
Continued from the preceding page.
2.5±0.2
1.2 max.
Thickness varies
with frequency.
∗: EIAJ code
0.5±0.2
0.5±0.2
1.0±0.2
1.0±0.2
1.25±0.2
(0.5)
(0.5)
0.05
+0.10
- 0.05
0.05
+0.10
- 0.05
0.4 +0.3
- 0.2
0.4 +0.3
- 0.2
∗
(in mm)
CSACW_X
20.01-70.00MHz
2.5±0.2
1.4 max.
Thickness varies
with frequency and
built-in capacitance.
∗: EIAJ code
0.5±0.2
0.5±0.2
0.5±0.2
1.0±0.2
1.0±0.2
1.25±0.2
(0.5)
(3)
(0.5)
(1)
(0.5)
(2)
0.05+0.10
- 0.05
0.05+0.10
- 0.05
0.4
+0.3
- 0.2
0.4
+0.3
- 0.2
0.4
+0.3
- 0.2
∗
(in mm)
CSTCW_X
20.01-70.00MHz
Part Number
Oscillating
Frequency
(MHz)
Initial
Tolerance
Temperature Stability
(%)
Temperature
Range
(°C)
CSTCC_G
2.00 to 3.99
±0.5%
±0.3 [±0.4%:Built-in Capacitance 47pF type within Freq.2.00 to 3.49MHz]
-20 to 80
CSTCR_G
4.00 to 7.99
±0.5%
±0.2
-20 to 80
CSTCE_G
8.00 to 13.99
±0.5%
±0.2
-20 to 80
CSTCE_G_Z
8.00 to 13.99
±0.5%
±0.2
-40 to 125
CSTCE_V
14.00 to 20.00
±0.5%
±0.3
-20 to 80
CSTCG_V
20.00 to 33.86
±0.5%
±0.3
-20 to 80
CSACW_X
20.01 to 70.00
±0.5%
±0.2
-20 to 80
CSTCW_X
20.01 to 70.00
±0.5%
±0.2
-20 to 80
Irregular or stopped oscillation may occur under unmatched circuit conditions. Please check the actual conditions prior to use.
VDD
Rf
To Frequency Counter
5pF
1M
Ω
Rd
C1
C2
(1)
(3)
(2)
c Oscillation Frequency Measuring Circuit
CSTCR_G/CSTCE_G/CSTCE_G_Z/CSTCE_V/CSTCG_V
Rf
Rd
VDD
C1
C2
To Frequency Counter
(1)
(3)
(2)
CSTCC_G/CSTCW_X
Rf
Rd
VDD
CL2
CL1
To Frequency counter
CSACW_X
P16E.pdf
Nov.22,2012
24
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com