| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7FLIT19BF1B6 bảng dữ liệu(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7FLIT19BF1B6 bảng dữ liệu(HTML) 39 Page - STMicroelectronics |
|
39 / 159 page ![]() ST7LITE1xB 39/159 INTERRUPTS (Cont’d) Bit 3:2 = ei1[1:0] ei1 pin selection These bits are written by software. They select the Port A I/O pin used for the ei1 external interrupt ac- cording to the table below. External Interrupt I/O pin selection * Reset State Bit 1:0 = ei0[1:0] ei0 pin selection These bits are written by software. They select the Port A I/O pin used for the ei0 external interrupt ac- cording to the table below. External Interrupt I/O pin selection * Reset State ei11 ei10 I/O Pin 0 0 PA4 0 1 PA5 1 0 PA6 1 1 PA7* ei01 ei00 I/O Pin 0 0 PA0 * 0 1 PA1 1 0 PA2 1 1 PA3 1 |