| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8270 bảng dữ liệu(PDF) 36 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8270 bảng dữ liệu(HTML) 36 Page - Freescale Semiconductor, Inc |
|
36 / 83 page ![]() MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2 36 Freescale Semiconductor Clock Configuration Modes 1000_000 Reserved 1000_001 66.7 133.3 3 200.0 400.0 3 200.0 400.0 8 25.0 50.0 1000_010 66.7 133.3 3 200.0 400.0 3.5 233.3 466.7 8 25.0 50.0 1000_011 66.7 133.3 3 200.0 400.0 4 266.7 533.3 8 25.0 50.0 1000_100 66.7 133.3 3 200.0 400.0 4.5 300.0 600.0 8 25.0 50.0 1000_101 66.7 133.3 3 200.0 400.0 6 400.0 800.0 8 25.0 50.0 1000_110 66.7 133.3 3 200.0 400.0 6.5 433.3 866.7 8 25.0 50.0 1001_000 Reserved 1001_001 Reserved 1001_010 57.1 114.3 3.5 200.0 400.0 3.5 200.0 400.0 8 25.0 50.0 1001_011 57.1 114.3 3.5 200.0 400.0 4 228.6 457.1 8 25.0 50.0 1001_100 57.1 114.3 3.5 200.0 400.0 4.5 257.1 514.3 8 25.0 50.0 1001_101 42.9 85.7 3.5 150.0 300.0 5 214.3 428.6 6 25.0 50.0 1001_110 42.9 85.7 3.5 150.0 300.0 5.5 235.7 471.4 6 25.0 50.0 1001_111 42.9 85.7 3.5 150.0 300.0 6 257.1 514.3 6 25.0 50.0 1010_000 75.0 150.0 2 150.0 300.0 2 150.0 300.0 6 25.0 50.0 1010_001 75.0 150.0 2 150.0 300.0 2.5 187.5 375.0 6 25.0 50.0 1010_010 75.0 150.0 2 150.0 300.0 3 225.0 450.0 6 25.0 50.0 1010_011 75.0 150.0 2 150.0 300.0 3.5 262.5 525.0 6 25.0 50.0 1010_100 75.0 150.0 2 150.0 300.0 4 300.0 600.0 6 25.0 50.0 1011_000 Reserved 1011_001 80.0 160.0 2.5 200.0 400.0 2.5 200.0 400.0 8 25.0 50.0 1011_010 80.0 160.0 2.5 200.0 400.0 3 240.0 480.0 8 25.0 50.0 1011_011 80.0 160.0 2.5 200.0 400.0 3.5 280.0 560.0 8 25.0 50.0 1011_100 80.0 160.0 2.5 200.0 400.0 4 320.0 640.0 8 25.0 50.0 1011_101 80.0 160.0 2.5 200.0 400.0 4.5 360.0 720.0 8 25.0 50.0 1101_000 50.0 100.0 2.5 125.0 250.0 3 150.0 300.0 5 25.0 50.0 Table 20. Clock Configurations for PCI Host Mode (PCI_MODCK=1)1,2 (continued) Mode3 Bus Clock4 (MHz) CPM Multiplication Factor5 CPM Clock (MHz) CPU Multiplication Factor6 CPU Clock (MHz) PCI Division Factor PCI Clock (MHz) MODCK_H- MODCK[1-3] Low High Low High Low High Low High |