| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M68ICS08GR bảng dữ liệu(PDF) 199 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
M68ICS08GR bảng dữ liệu(HTML) 199 Page - Freescale Semiconductor, Inc |
|
199 / 408 page ![]() Monitor ROM (MON) Functional Description MC68HC908GR8 — Rev 4.0 Technical Data MOTOROLA Monitor ROM (MON) 199 A brief description of each monitor mode command is given in Table 15- 4 through Table 15-9. Table 15-4. READ (Read Memory) Command Description Read byte from memory Operand 2-byte address in high-byte:low-byte order Data Returned Returns contents of specified address Opcode $4A Command Sequence Table 15-5. WRITE (Write Memory) Command Description Write byte to memory Operand 2-byte address in high-byte:low-byte order; low byte followed by data byte Data Returned None Opcode $49 Command Sequence READ READ ECHO SENT TO MONITOR ADDRESS HIGH ADDRESS HIGH ADDRESS LOW DATA RETURN ADDRESS LOW WRITE WRITE ECHO FROM HOST ADDRESS HIGH ADDRESS HIGH ADDRESS LOW ADDRESS LOW DATA DATA Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |