| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9959/PCBZ1 bảng dữ liệu(PDF) 15 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9959/PCBZ1 bảng dữ liệu(HTML) 15 Page - Analog Devices |
|
15 / 44 page ![]() AD9959 Rev. B | Page 15 of 44 AD9959 (SLAVE 1) AD9959 (MASTER) CLOCK SOURCE AD9959 (SLAVE 2) AD9959 (SLAVE 3) REF_CLK FPGA DATA SYNC_CLK FPGA DATA SYNC_CLK FPGA DATA SYNC_CLK FPGA DATA SYNC_CLK C1 S1 C2 S2 C3 S3 C4 S4 A1 A2 A4 A3 A_END CENTRAL CONTROL AD9510 CLOCK DISTRIBUTOR WITH DELAY EQUALIZATION SYNC_IN SYNC_OUT AD9510 SYNCHRONIZATION DELAY EQUALIZATION Figure 25. Synchronizing Multiple Devices to Increase Channel Capacity Using the AD9510 as a Clock Distributor for the Reference and SYNC_CLK ACOUSTIC OPTICAL TUNABLE FILTER OPTICAL FIBER CHANNEL WITH MULTIPLE DISCRETE WAVELENGTHS OUTPUTS INPUTS SELECTABLE WAVELENGTH FROM EACH CHANNEL VIA DDS TUNING AOTF SPLITTER WDM SOURCE WDM SIGNAL CH0 CH1 CH2 CH3 CH0 CH1 CH2 CH3 CH0 CH1 AD9959 REFCLK CH3 CH2 AMP AMP AMP AMP Figure 26. DDS Providing Stimulus for Acoustic Optical Tunable Filter CH0 AD9959 REFCLK CH1 ADCMP563 – + Figure 27. Agile Clock Source with Duty Cycle Control Using the Phase Offset Value in DDS to Change the DC Voltage to the Comparator |