công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9857AST bảng dữ liệu(PDF) 16 Page - Analog Devices

tên linh kiện AD9857AST
Giải thích chi tiết về linh kiện  CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9857AST bảng dữ liệu(HTML) 16 Page - Analog Devices

Back Button AD9857AST Datasheet HTML 12Page - Analog Devices AD9857AST Datasheet HTML 13Page - Analog Devices AD9857AST Datasheet HTML 14Page - Analog Devices AD9857AST Datasheet HTML 15Page - Analog Devices AD9857AST Datasheet HTML 16Page - Analog Devices AD9857AST Datasheet HTML 17Page - Analog Devices AD9857AST Datasheet HTML 18Page - Analog Devices AD9857AST Datasheet HTML 19Page - Analog Devices AD9857AST Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
AD9857
Rev. C | Page 16 of 40
SINGLE-TONE MODE
A block diagram of the AD9857 operating in the single-tone
mode is shown in Figure 19. In the single-tone mode, both the
I and Q data paths are disabled from the 14-bit parallel data
port up to and including the modulator. The PDCLK/ FUD pin
is an input and functions as a frequency update (FUD) control
signal. This is necessary because the frequency tuning word is
programmed via the asynchronous serial port. The FUD signal
causes the new frequency tuning word to become active.
In single-tone mode, the cosine portion of the DDS serves as
the signal source. The output signal consists of a single
frequency as determined by the tuning word stored in the
appropriate control register, per each profile.
In the single-tone mode, no 14-bit parallel data is applied to the
AD9857. The internal DDS core is used to produce a single
frequency signal according to the tuning word. The single-tone
signal then moves toward the output, where the inverse SINC
filter and the output scaling can be applied. Finally, the digital
single-tone signal is converted to the analog domain by the
14-bit DAC.
14
14-BIT
DAC
DAC_RSET
IOUT
IOUT
8
OUTPUT
SCALE
VALUE
REFCLK
REFCLK
MODE
CONTROL
PLL
LOCK
CLOCK
INPUT
MODE
AD9857
PDCLK/
FUD
INVERSE
SINC
FILTER
32
TUNING
WORD
TIMING AND CONTROL
DDS
CORE
CLOCK
MULTIPLIER
(4 – 20 )
PROFILE
SELECT
LOGIC
CONTROL REGISTERS
RESET
SERIAL
PORT
PS0
PS1
POWER-
DOWN
LOGIC
DIGITAL
POWER-
DOWN
Figure 19. Single-Tone Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com