công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC68331CFV16 bảng dữ liệu(PDF) 52 Page - Freescale Semiconductor, Inc

tên linh kiện MC68331CFV16
Giải thích chi tiết về linh kiện  32-Bit Modular Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68331CFV16 bảng dữ liệu(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button MC68331CFV16 Datasheet HTML 48Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 49Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 50Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 51Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 52Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 53Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 54Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 55Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 84 page
background image
52
MC68331TS/D
Y = M111, where M is the logic state of the module mapping (MM) bit in the SIMCR
5.2 Pin Function
The following table is a summary of the functions of the QSM pins when they are not configured for gen-
eral-purpose I/O. The QSM data direction register (DDRQS) designates each pin except RXD as an in-
put or output.
Table 22 QSM Address Map
Access
Address
15
8 7
0
S
$YFFC00
QSM MODULE CONFIGURATION (QSMCR)
S
$YFFC02
QSM TEST (QTEST)
S
$YFFC04
QSM INTERRUPT LEVEL (QILR)
QSM INTERRUPT VECTOR (QIVR)
S/U
$YFFC06
NOT USED
S/U
$YFFC08
SCI CONTROL 0 (SCCR0)
S/U
$YFFC0A
SCI CONTROL 1 (SCCR1)
S/U
$YFFC0C
SCI STATUS (SCSR)
S/U
$YFFC0E
SCI DATA (SCDR)
S/U
$YFFC10
NOT USED
S/U
$YFFC12
NOT USED
S/U
$YFFC14
NOT USED
PQS DATA (PORTQS)
S/U
$YFFC16
PQS PIN ASSIGNMENT (PQSPAR)
PQS DATA DIRECTION (DDRQS)
S/U
$YFFC18
SPI CONTROL 0 (SPCR0)
S/U
$YFFC1A
SPI CONTROL 1 (SPCR1)
S/U
$YFFC1C
SPI CONTROL 2 (SPCR2)
S/U
$YFFC1E
SPI CONTROL 3 (SPCR3)
SPI STATUS (SPSR)
S/U
$YFFC20–
$YFFCFF
NOT USED
S/U
$YFFD00–
$YFFD1F
RECEIVE RAM (RR[0:F])
S/U
$YFFD20–
$YFFD3F
TRANSMIT RAM (TR[0:F])
S/U
$YFFD40–
$YFFD4F
COMMAND RAM (CR[0:F])
Pin
Mode
Pin Function
MISO
Master
Serial Data Input to QSPI
QSPI Pins
Slave
Serial Data Output from QSPI
MOSI
Master
Serial Data Output from QSPI
Slave
Serial Data Input to QSPI
SCK
Master
Clock Output from QSPI
Slave
Clock Input to QSPI
PCS0/SSMaster
Input: Assertion Causes Mode Fault
Output: Selects Peripherals
Slave
Input: Selects the QSPI
PCS[3:1]
Master
Output: Selects Peripherals
Slave
None
SCI Pins
TXD
Transmit
Serial Data Output from SCI
RXD
Receive
Serial Data Input to SCI
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com