công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F050K4U6A bảng dữ liệu(PDF) 90 Page - STMicroelectronics

tên linh kiện STM32F050K4U6A
Giải thích chi tiết về linh kiện  Low- and medium-density advanced ARM-based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F050K4U6A bảng dữ liệu(HTML) 90 Page - STMicroelectronics

Back Button STM32F050K4U6A Datasheet HTML 86Page - STMicroelectronics STM32F050K4U6A Datasheet HTML 87Page - STMicroelectronics STM32F050K4U6A Datasheet HTML 88Page - STMicroelectronics STM32F050K4U6A Datasheet HTML 89Page - STMicroelectronics STM32F050K4U6A Datasheet HTML 90Page - STMicroelectronics STM32F050K4U6A Datasheet HTML 91Page - STMicroelectronics STM32F050K4U6A Datasheet HTML 92Page - STMicroelectronics STM32F050K4U6A Datasheet HTML 93Page - STMicroelectronics STM32F050K4U6A Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 97 page
background image
Package characteristics
STM32F050xx
90/97
Doc ID 023683 Rev 1
Figure 37.
UFQFPN28 recommended footprint
1.
Dimensions are in millimeters
2.
All leads/pads should also be soldered to the PCB to improve the lead/pad solder joint life.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97