| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F405IET6 bảng dữ liệu(PDF) 85 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F405IET6 bảng dữ liệu(HTML) 85 Page - STMicroelectronics |
|
85 / 185 page ![]() DocID022152 Rev 4 85/185 STM32F405xx, STM32F407xx Electrical characteristics Figure 24. Typical current consumption versus temperature, Run mode, code with data processing running from Flash (ART accelerator ON) or RAM, and peripherals OFF Figure 25. Typical current consumption versus temperature, Run mode, code with data processing running from Flash (ART accelerator ON) or RAM, and peripherals ON MS19974V1 0 5 10 15 20 25 30 35 40 45 50 0 20 40 60 80 100 120 140 160 180 CPU Frequency (MHz -45 °C 0 °C 25 °C 55 °C 85 °C 105 °C MS19975V1 0 10 20 30 40 50 60 70 80 90 100 0 20 40 60 80 100 120 140 160 180 CPU Frequency (MHz -45°C 0°C 25°C 55°C 85°C 105°C |