| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LR024N bảng dữ liệu(PDF) 3 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
LR024N bảng dữ liệu(HTML) 3 Page - International Rectifier |
|
3 / 13 page ![]() AUIRLR/U024N www.irf.com 3 Qualification standards can be found at International Rectifiers web site: http//www.irf.com/ Exceptions to AEC-Q101 requirements are noted in the qualification report. Highest passing voltage Qualification Information† D PAK MSL1 I-PAK N/A RoHS Compliant Yes ESD Machine Model Class M2(+/-150V ) ††† AEC-Q101-002 Human Body Model Class H1A(+/-500V ) ††† AEC-Q101-001 Charged Device Model Class C5(+/-2000V ) ††† AEC-Q101-005 Moisture Sensitivity Level Qualification Level Automotive (per AEC-Q101) †† Comments: This part number(s) passed Automotive qualification. IR’s Industrial and Consumer qualification level is granted by extension of the higher Automotive level. |