công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

51795B bảng dữ liệu(PDF) 39 Page - Microchip Technology

tên linh kiện 51795B
Giải thích chi tiết về linh kiện  PICkit??3 Programmer/Debugger
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

51795B bảng dữ liệu(HTML) 39 Page - Microchip Technology

Back Button 51795B Datasheet HTML 35Page - Microchip Technology 51795B Datasheet HTML 36Page - Microchip Technology 51795B Datasheet HTML 37Page - Microchip Technology 51795B Datasheet HTML 38Page - Microchip Technology 51795B Datasheet HTML 39Page - Microchip Technology 51795B Datasheet HTML 40Page - Microchip Technology 51795B Datasheet HTML 41Page - Microchip Technology 51795B Datasheet HTML 42Page - Microchip Technology 51795B Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 100 page
background image
PICkit 3 Programmer-To-Go
 2010 Microchip Technology Inc.
DS51795B-page 39
TABLE 6-2:
PROGRAMMER-TO-GO OPERATION FEEDBACK CODES
LED Status
Interpretation
Active LED
Status LED
Code
Description
Single Blink
(Blue)
Green
Success/Ready
No errors were encountered dur-
ing the programming operation.
PICkit 3 Programmer-To-Go is
ready to program again.
Off
Red – Continuous
Rapid Blinking:
••••••••......
VDD/VPP Error
PICkit 3 was unable to set the
VDD or VPP voltage to the
expected value. If PICkit 3 is not
providing VDD, then the error
must be a VPP error. See
(Section 2.4 “Communication
Connections” and
Section 3.4.4 “Powering the
Target”) for VDD and VPP infor-
mation.
Off
Red – 2 blinks in
succession:
•• •• •• ••.......
Device ID Error
PICkit 3 received an unexpected
Device ID from the target. Ensure
the target part matches that
selected when the PICkit 3 Pro-
grammer-To-Go was set up. May
indicate a bad ICSP connection
preventing the PICkit 3 from com-
municating with the target. Not
applicable to Baseline devices.
Off
Red – 3 blinks in
succession:
••• ••• •••......
Verify Error
The target did not Verify success-
fully after programming. Ensure
the target VDD meets the mini-
mum required. With Baseline
devices, this error may indicate
ICSP communication problems.
Off
Red – 4 blinks in
succession:
•••• ••••......
Internal Error
An unexpected internal Program-
mer-To-Go error occurred. If it
happens a second time, try
downloading to the PICkit 3
again.
Note: Press the PICkit 3 push button to clear the error code and initiate a new
programming operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100