công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

USB3322C-GL-TR bảng dữ liệu(PDF) 43 Page - Microchip Technology

tên linh kiện USB3322C-GL-TR
Giải thích chi tiết về linh kiện  Industry?셲 Smallest Hi-Speed USB Transceiver with 1.8V ULPI Interface
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3322C-GL-TR bảng dữ liệu(HTML) 43 Page - Microchip Technology

Back Button USB3322C-GL-TR Datasheet HTML 39Page - Microchip Technology USB3322C-GL-TR Datasheet HTML 40Page - Microchip Technology USB3322C-GL-TR Datasheet HTML 41Page - Microchip Technology USB3322C-GL-TR Datasheet HTML 42Page - Microchip Technology USB3322C-GL-TR Datasheet HTML 43Page - Microchip Technology USB3322C-GL-TR Datasheet HTML 44Page - Microchip Technology USB3322C-GL-TR Datasheet HTML 45Page - Microchip Technology USB3322C-GL-TR Datasheet HTML 46Page - Microchip Technology USB3322C-GL-TR Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 79 page
background image
Industry’s Smallest Hi-Speed USB Transceiver with 1.8V ULPI Interface
Datasheet
SMSC USB332x
43
Revision 1.1 (11-20-12)
DATASHEET
6.2.2
ULPI Register Read
A ULPI register read operation is given in Figure 6.5. The Link drives a TXD CMD byte with DATA[7:6]
= 11h for a register read. DATA[5:0] of the ULPI TXD command bye contain the register address.
At T0, the Link will place the TXD CMD on the data bus. At T2, the PHY will bring NXT high, signaling
the Link it is ready to accept the data transfer. At T3, the PHY reads the TXD CMD, determines it is
a register read, and asserts DIR to gain control of the bus. The PHY will also de-assert NXT. At T4,
the bus ownership has transferred back to the PHY and the PHY drives the requested register onto
the data bus. At T5, the Link will read the data bus and the PHY will drop DIR low returning control of
the bus back to the Link. After the turn around cycle, the Link must drive a ULPI Idle command at T6.
A ULPI extended register read operation is shown in Figure 6.6.To read an extended register, the Link
writes the TX CMD with the address set to 2Fh. At T2, the PHY will assert NXT, signaling the Link it
is ready to accept the extended address. At T3, the Link places the extended register address on the
bus. At T4, the PHY reads the extended address, and asserts DIR to gain control of the bus. The PHY
will also de-assert NXT. At T5, the bus ownership has transferred back to the PHY and the PHY drives
the requested register onto the data bus. At T6, the Link will read the data bus and the PHY will de-
assert DIR returning control of the bus back to the Link. After the turn around cycle, the Link must
drive a ULPI Idle command at T6.
Figure 6.5 ULPI Register Read in Synchronous Mode
DIR
CLK
DATA[7:0]
STP
NXT
TXD CMD
reg read
Idle
T0
Reg Data
Turn around
Turn around
T1
T2
T3
T4
T5
T6
Idle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com