| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PV37X100C01 bảng dữ liệu(PDF) 8 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
PV37X100C01 bảng dữ liệu(HTML) 8 Page - Murata Manufacturing Co., Ltd. |
|
8 / 55 page ![]() PVA2 Series 2.2 0.8 0.8±0.1 0.4 0.5 0.6 0.9 0.6 #1 #2 #3 Resin 2.4 Dia #2 (Wiper Contact) #1 #3 CIRCUIT CLOCKWISE ( Tolerance: ±0.2) in mm Part Number Power Rating (W) Number of Turns (Effective Rotation Angle) Mechanical Rotation Angle Total Resistance Value TCR (ppm/°C) PVA2A101A01 0.1(70°C) 1(260°±10°) Endless 100ohm±25% ±250 PVA2A221A01 0.1(70°C) 1(260°±10°) Endless 220ohm±25% ±250 PVA2A471A01 0.1(70°C) 1(260°±10°) Endless 470ohm±25% ±250 PVA2A102A01 0.1(70°C) 1(260°±10°) Endless 1k ohm±25% ±250 PVA2A222A01 0.1(70°C) 1(260°±10°) Endless 2.2k ohm±25% ±250 PVA2A472A01 0.1(70°C) 1(260°±10°) Endless 4.7k ohm±25% ±250 PVA2A103A01 0.1(70°C) 1(260°±10°) Endless 10k ohm±25% ±250 PVA2A223A01 0.1(70°C) 1(260°±10°) Endless 22k ohm±25% ±250 PVA2A473A01 0.1(70°C) 1(260°±10°) Endless 47k ohm±25% ±250 PVA2A104A01 0.1(70°C) 1(260°±10°) Endless 100k ohm±25% ±250 PVA2A224A01 0.1(70°C) 1(260°±10°) Endless 220k ohm±25% ±250 PVA2A474A01 0.1(70°C) 1(260°±10°) Endless 470k ohm±25% ±250 PVA2A105A01 0.1(70°C) 1(260°±10°) Endless 1M ohm±25% ±250 PVA2A225A01 0.1(70°C) 1(260°±10°) Endless 2.2M ohm±25% ±250 Operating Temperature Range: -55 to 125 °C Soldering Method: Reflow/Soldering Iron c Features 1. Ultra-small and thin external dimensions of 2.2(W)x2.75(L)x0.90 max.(T)mm. 2. For the terminal attachment method of construction that uses neither solder nor adhesives, good solderability and terminal attachment intensity are realized. 3. Because of multi-contact wiper structure, PVA2 has a stable characteristics (low noise). 4. PVA2 series does not use a solder, flux or cleaning solvent, so they are environmentally friendly products. 5. Heat resistance performance enables high temperature peak reflow soldering. 6. PVA2 series complies with RoHS directive. c Applications 1. Thin-model optical pick-up module 2. LCD module 3. Optical communication module 4. Small sensor module 5. Digital camera 6. Small telecommunications equipment, etc. 7. E-Book R50E.pdf Jul.23,2012 6 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. 1 |