| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PV36W503C01 bảng dữ liệu(PDF) 26 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
PV36W503C01 bảng dữ liệu(HTML) 26 Page - Murata Manufacturing Co., Ltd. |
|
26 / 55 page ![]() PVM4 Series Notice Continued from the preceding page. t3 t2 T3 T2 T5 T4 T1 Time (s) t1 1. Soldering profile for Lead-free solder (96.5Sn/3.0Ag/0.5Cu) Standard Profile Pre-heating Heating Cycle of Reflow Time °C Temp. (T1) °C Time (t1) sec. Temp. (T2) °C Time (t2) sec. 2 245±3 150 to 180 60 to 120 220 30 to 60 Limit Profile Standard Profile Pre-heating Heating Time °C Temp. (T1) °C Time (t1) sec. Temp. (T4) °C Time (t3) sec. Limit Profile 2 260 +5/-0 150 to 180 60 to 120 230 30 to 50 Standard Profile Pre-heating Heating Time °C Temp. (T1) °C Time (t1) sec. Temp. (T2) °C Time (t2) sec. 1 230 150 60 to 120 183 30 Time (s) Standard Profile t1 T1 t2 T3 T2 2. Soldering profile for Eutectic solder (63Sn/37Pb) (Limit profile: refer to 1) Standard Condition Temperature of Soldering Iron Tip °C Soldering Time sec. Soldering Iron Power Output W 350±10 3 max. 30 max. 1 Cycle of Soldering Iron Time Reflow Soldering Profile Flow Soldering Profile Peak Temperature (T3) Peak Temperature (T3) Cycle of Reflow Peak Temperature (T5) Soldering Iron Cycle of Reflow Soldering profile for lead free solder (96.5Sn/3.0Ag/0.5Cu), Eutectic solder (63Sn/37Pb) Standard Profile Pre-heating Heating Temp. (T1) °C Time (t1) sec. Temp. (T2) °C Time (t2) sec. 150 60 to 120 250 5 max. 1 t1 t2 T3 T2 T1 Time (s) Limit Profile Standard Profile Cycle of Flow Time Limit Profile Pre-heating Heating Temp. (T1) °C Time (t1) sec. Temp. (T3) °C Time (t2) sec. 150 60 to 120 265±3 5 max. 2 Cycle of Flow Time Heating Pre-heating Series PVM4 Series PVM4 Series PVM4 Series PVM4 c Soldering Profile Continued on the following page. R50E.pdf Jul.23,2012 24 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. 4 |